データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-R3D-P

  • AI
    The **M2REB-R3D-P** is a specific model within the **M2REB series** of industrial rotary encoders (often associated with brands like Nemicon or similar industrial sensor manufacturers). These devices are used to convert rotary motion into electrical signals for monitoring speed, position, or direction. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resolution** | 300 P/R | Provides 300 pulses per full 360° rotation. | | **Output Type** | Push-Pull | Compatible with both NPN and PNP logic inputs. | | **Supply Voltage** | 5V to 24V DC | Wide input range for industrial PLCs and controllers. | | **Phases** | A, B, Z | Standard quadrature (A/B) plus an Index pulse (Z). | | **Connection** | Radial Cable | The "R" in the model indicates a radial cable exit. | --- ### 2. Core Electronic Components Inside the M2REB-R3D-P, the system operates through several integrated stages: #### A. Optical Sensing Unit * **LED Emitter:** An infrared light source that shines through a coded disk. * **Coded Disk:** A glass or plastic disk with 300 etched lines. As it spins, it chops the light beam. * **Photo-Detector Array:** High-speed photodiodes that catch the light pulses and convert them into small analog electrical currents. #### B. Signal Processing (ASIC) * The raw signals from the photodiodes are fed into an internal **Comparator/Schmitt Trigger**. * This circuit squares the waves, turning them into clean **Square Wave** digital pulses. * It handles the **Quadrature Offset**, ensuring Phase A and Phase B are 90° apart so the controller can determine the direction of rotation. #### C. Output Driver Stage (Push-Pull) The "P" in the suffix usually denotes a **Push-Pull** (Totem Pole) output circuit. * **Electronic Function:** It uses two transistors to actively drive the signal "High" (to Vcc) and "Low" (to Ground). * **Benefit:** Unlike "Open Collector" outputs, Push-Pull does not require external pull-up resistors and offers better noise immunity over longer cable runs. --- ### 3. Wiring Diagram (Typical) Most M2REB models follow a standard industrial color code for their internal wiring: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | Vcc | Power Supply (+) | | **Black** | GND | 0V / Common | | **White** | Phase A | Main pulse signal | | **Green** | Phase B | 90° offset signal (for direction) | | **Yellow** | Phase Z | Index pulse (once per revolution) | | **Shield** | FG | Frame Ground / Noise protection | --- ### 4. Application Context The electronics of the **M2REB-R3D-P** are designed for rugged environments. The internal circuitry is typically encapsulated to protect against vibration and electromagnetic interference (EMI), making it suitable for: * Conveyor speed synchronization. * Motor feedback loops. * Automated packaging machinery.
    ✨ Follow-up Questions
    • ⤷What is the difference between Push-Pull and Open Collector outputs in this encoder?
    • ⤷ How do I wire the Z-phase to a PLC for homing?
    • ⤷ Can this encoder operate at speeds higher than 6000 RPM?