データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-R4D-P

  • AI
    The **M2REB-R4D-P** is a specific model within the **M2RE series** of motor controllers, typically manufactured by companies specializing in precision motion control (such as Mitsubishi or specialized industrial automation partners). These controllers are designed to bridge the gap between high-level logic and physical motor movement. Below is an explanation of its core electronic components and functional architecture. --- ### 1. Key Technical Specifications The "M2REB" designation usually refers to a high-performance **stepping motor driver** or a **closed-loop servo controller**. | Feature | Description | | :--- | :--- | | **Control Type** | Bipolar Constant Current Drive / Closed-Loop | | **Input Voltage** | Typically 24V DC to 48V DC | | **Current Rating** | Adjustable (e.g., 0.5A to 4.5A peak) | | **Resolution** | Micro-stepping capabilities (up to 10,000+ steps/rev) | | **Feedback** | Pulse/Direction or Serial Communication | --- ### 2. Electronic Hardware Modules The internal circuitry is divided into several critical stages that manage power and signal integrity: #### A. Power Stage (Inverter Bridge) The heart of the unit consists of an **H-Bridge** using MOSFETs or IGBTs. - **Function:** These transistors switch the high DC voltage into pulses that drive the motor coils. - **Protection:** Includes Flyback Diodes to protect the electronics from Back-EMF (voltage spikes) when the motor stops or slows down. #### B. The Logic Controller (MCU/DSP) A central microprocessor (often a Digital Signal Processor) manages the complex math required for smooth motion. - **Micro-stepping:** It calculates the sine/cosine current waves to allow the motor to stop between physical poles. - **Error Handling:** It monitors for "stall" conditions or over-temperature states. #### C. Interface & Opto-Isolators To prevent electrical noise from the motor from frying the PLC or Computer controlling it, the input pins use **Optocouplers**. - **Signals:** Pulse (Step), Direction, and Enable (Offline). - **Isolation:** Provides 500V to 2500V of galvanic isolation. --- ### 3. Pinout and Connection Logic The "R4D" variant usually implies a specific wiring configuration, often utilizing a terminal block or a specific high-density connector. ```cpp // Logic Sequence for a single step 1. Check "Enable" pin status (High = Active). 2. Read "Direction" pin (High = CW, Low = CCW). 3. Detect Rising Edge on "Pulse" pin. 4. MCU calculates next phase current. 5. MOSFETs fire to shift magnetic field. ``` --- ### 4. Application Context The **M2REB-R4D-P** is commonly found in: 1. **CNC Machinery:** For precision axis movement. 2. **Medical Lab Automation:** Where silent, vibration-free movement is required. 3. **Semiconductor Handling:** Where high-speed positioning without overshooting is critical. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for the R4D connector type?
    • ⤷ How do I configure the micro-stepping resolution via the DIP switches?
    • ⤷ What are the common error codes indicated by the unit's LED status lights?