データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-R51-R2/UL

  • AI
    The **M2REB-R51-R2/UL** is a specific model of an **Industrial Magnetic Encoder System** (often associated with brands like Magnescale/Sony). These devices are used for high-precision position sensing in CNC machines, robotics, and automation. --- ### 1. Component Overview This part is a **Magnetic Reader Head**. It works by moving across a magnetic scale (a tape or rod with magnetic poles) to detect displacement and convert it into electrical pulses. ### 2. Technical Specifications Below is a breakdown of the typical electronic and physical attributes for this series: | Feature | Specification | | :--- | :--- | | **Output Signal** | A/B Phase Quadrature (RS-422 Line Driver) | | **Resolution** | Typically 0.5μm to 10μm (model dependent) | | **Input Voltage** | DC 5V ±5% | | **Current Consumption** | Max 70mA - 120mA | | **Connection Type** | Cable with specialized connector (UL compliant) | | **Ingress Protection** | IP65 or IP67 (Resistant to oil, water, and dust) | --- ### 3. Electronic Architecture The internal circuitry consists of several key stages: 1. **MR (Magneto-Resistive) Sensor:** The "eye" of the part. It detects changes in the magnetic field as the head moves over the scale. 2. **Signal Processing IC:** Converts the analog sinusoidal signals from the MR sensor into digital square waves. 3. **Line Driver:** An electronic circuit (usually RS-422 compliant) that ensures the signal can travel over long cables without interference or data loss. 4. **Reference Point Sensor:** Detects a specific "Zero" or "Home" position marker on the magnetic scale. --- ### 4. Wiring and Interface The "UL" suffix indicates that the cabling meets specific safety and flame-retardant standards for North American markets. The typical wiring color code for these units is: ```yaml Red: DC +5V Black: 0V (GND) Blue: Phase A (+) Yellow: Phase A (-) White: Phase B (+) Gray: Phase B (-) Orange: Phase Z (Index +) Green: Phase Z (Index -) Shield: Frame Ground ``` ### 5. Key Advantages * **Durability:** Unlike optical encoders, the electronic components are sealed, making them immune to condensation, oil splashes, and metal chips. * **High Speed:** Capable of tracking movement at speeds up to 200m/min or higher. * **Standardized Output:** The RS-422 differential signal allows it to interface directly with most PLC (Programmable Logic Controller) and CNC high-speed counter cards. ---
    ✨ Follow-up Questions
    • ⤷What is the mounting tolerance for the M2REB-R51-R2 reader head?
    • ⤷ How do I troubleshoot a 'Signal Low' error on this encoder?
    • ⤷ Is this reader head compatible with the SL series magnetic scales?