データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-R52-R2

  • AI
    The **M2REB-R52-R2** is a specialized electronic component, typically classified as a magnetic rotary encoder or a high-precision sensor module often used in industrial automation, robotics, and automotive steering systems. --- ### 1. Component Overview This part is designed to detect the angular position of a rotating shaft using non-contact magnetic sensing technology. The "R2" suffix usually denotes a specific revision or performance grade (such as high-speed capability or specific voltage tolerance). ### 2. Key Specifications | Feature | Description | | :--- | :--- | | **Technology** | Hall-effect or Magnetoresistive (MR) sensing | | **Output Type** | Digital (Incremental or Absolute) | | **Input Voltage** | Typically 5V DC (varies by sub-model) | | **Resolution** | High-bit resolution (often 12-bit to 16-bit) | | **Interface** | SPI, PWM, or Analog Sin/Cos signals | | **Durability** | Non-contact design (low wear and tear) | --- ### 3. Electronic Architecture The internal circuitry of the M2REB-R52-R2 consists of several critical stages: 1. **Sensing Element:** A bridge of magnetoresistors that change resistance in response to the magnetic field of a rotating magnet. 2. **Signal Conditioning:** Operational amplifiers that boost the weak signal from the sensors to a usable level. 3. **A/D Converter:** An Analog-to-Digital converter that translates the sine/cosine waves into digital bits. 4. **Interpolation Logic:** A specialized DSP (Digital Signal Processor) that calculates the exact angle and compensates for temperature drift or mechanical misalignment. 5. **Output Driver:** Transistors or ICs that drive the signal across the cable to the PLC or Microcontroller. --- ### 4. Common Applications * **BLDC Motor Control:** Providing feedback for commutation in brushless motors. * **Robotic Joints:** Monitoring the precise angle of robot arms. * **Steering Sensors:** Used in Electronic Power Steering (EPS) systems to track steering wheel position. * **Factory Automation:** Positioning for conveyor belts and CNC machinery. ### 5. Implementation Example (Pseudo-Code) If interfacing with a microcontroller via SPI, the communication logic typically looks like this: ```cpp #include const int CS_PIN = 10; uint16_t readAngle() { digitalWrite(CS_PIN, LOW); // Request 16-bit data from M2REB sensor uint16_t data = SPI.transfer16(0x0000); digitalWrite(CS_PIN, HIGH); // Masking bits if necessary (e.g., removing status bits) uint16_t angle = data & 0x3FFF; return angle; } ```
    ✨ Follow-up Questions
    • ⤷What are the specific pinout configurations for the R2 revision?
    • ⤷ How does magnetic interference affect the accuracy of this sensor?
    • ⤷ What is the maximum RPM supported by the M2REB-R52-R2?