データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-R5B-R2/Q

  • AI
    The **M2REB-R5B-R2/Q** is a specific model within the industrial automation sector, typically associated with **M-System (now MG CO., LTD)** or similar high-precision signal conditioning manufacturers. This part belongs to the **M2REB series**, which consists of ultra-slim, plug-in signal conditioners (specifically RTD transmitters). --- ### 1. Technical Specifications Overview This device is designed to take a signal from a Resistance Temperature Detector (RTD) and convert it into a standard industrial DC signal. | Feature | Specification Details | | :--- | :--- | | **Model Series** | M2REB (Ultra-slim RTD Transmitter) | | **Input Signal** | RTD (Pt 100, JPt 100, etc.) | | **Output Signal** | DC Current or Voltage (Configurable) | | **Housing** | Plug-in base socket mount | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Power Supply** | Usually 24V DC (Model R) | --- ### 2. Breakdown of the Model Code The alphanumeric suffix defines the specific electronic characteristics of the unit: * **M2REB**: The Base Series (Ultra-slim RTD Transmitter). * **-R**: Indicates the Power Input. "R" typically stands for **24V DC**. * **5B**: This defines the **Output Signal**. * *5*: Often represents 0 – 5V DC. * *B*: Often represents 2 – 10V DC or a specific custom range (Consult datasheet for exact mapping). * **-R2**: Indicates the **Input Type**. * Usually refers to a 2-wire or 3-wire RTD sensor compatibility (Pt 100). * **Q**: Quality/Option code. * Often indicates a "Special Specification" or a specific conformality/coating for harsh environments. --- ### 3. Internal Electronic Components The unit functions through several key electronic stages: 1. **Input Conditioning Bridge:** A constant current source is applied to the RTD. The voltage drop across the RTD is measured to determine temperature. 2. **Linearization Circuitry:** Since RTD resistance is not perfectly linear with temperature, internal op-amps or microprocessors apply a linearization curve. 3. **Galvanic Isolation:** Uses optocouplers or transformers to ensure that electrical noise or surges on the input side do not damage the PLC/Controller on the output side. 4. **Output Driver:** A power stage that converts the internal signal into the requested 0-10V or 4-20mA signal. --- ### 4. Wiring Diagram (Generic Representation) ```text [ FIELD SIDE ] [ POWER/CONTROL SIDE ] RTD Sensor PLC / Controller (1) --[A]--+ +---(5) [+] Output (2) --[B]--| [M2REB] |---(6) [-] Output (3) --[B]--+ +---(7) [+] 24V DC +---(8) [-] 0V DC ``` --- ### 5. Key Applications * **HVAC Systems:** Monitoring air duct temperatures. * **Factory Automation:** Relaying motor bearing temperatures to a Central PLC. * **Chemical Processing:** Highly accurate temperature monitoring in hazardous areas where isolation is required.
    ✨ Follow-up Questions
    • ⤷What are the specific temperature range limits for the R2 input type?
    • ⤷ How do I calibrate the zero and span on this specific model?
    • ⤷ Is this unit compatible with a 4-wire RTD setup?