データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-R5D-R2/Q

  • AI
    Based on the part number provided, this appears to be a specialized industrial electronic component, typically associated with **Delta Electronics** (often part of their rotary encoder or servo motor feedback cable/connector series). Below is a breakdown of the electronic specifications and characteristics associated with this class of components. --- ### 1. General Component Overview The **M2REB-R5D-R2/Q** is generally categorized as a high-precision interface component, often used for signal transmission between a motor controller (driver) and an encoder. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Delta Electronics (Typical) | | **Type** | Encoder Connector / Interface Module | | **Application** | Servo Motor Feedback Systems | | **Connection Type** | Rectangular/Circular Industrial Standard | | **Signal Type** | Differential Digital Signals (A, B, Z phases) | --- ### 2. Electronic Characteristics Electronic parts in this series are designed to maintain signal integrity in high-interference industrial environments. * **Shielding:** Integrated electromagnetic interference (EMI) shielding to prevent noise from high-voltage motor power lines from corrupting low-voltage encoder data. * **Contact Material:** Usually gold-plated or high-conductivity copper alloy to minimize contact resistance and prevent oxidation. * **Data Transmission:** Supports high-speed pulse transmission required for real-time position and velocity feedback. --- ### 3. Pinout & Connectivity Logic While specific pinouts can vary by the exact revision (R5D vs R2), these parts generally follow this logic: | Pin Group | Function | Description | | :--- | :--- | :--- | | **Power** | VCC / GND | Usually 5V or 24V DC to power the encoder sensor. | | **Incremental** | A+, A-, B+, B- | Differential quadrature signals for position tracking. | | **Index** | Z+, Z- | Reference point signal for "Home" positioning. | | **Serial/Comm** | Data+, Data- | Used if the part supports absolute encoder communication (SSI/BiSS). | --- ### 4. Technical Environment Limits These parts are built for durability on factory floors: 1. **Vibration Resistance:** Designed to withstand the mechanical stress of moving robotic arms or CNC axes. 2. **Temperature Range:** Typically rated for **-20°C to +80°C**. 3. **Ingress Protection:** Often matches IP65 or IP67 standards when properly mated. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pin configuration for the R5D variant?
    • ⤷ Is this component compatible with third-party servo drivers?
    • ⤷ What are the recommended cable lengths for maintaining signal integrity with this part?