AI

The **M2REB-RB3-R2** is a specific electronic hardware component, typically identified as a high-performance **Magnetic Encoder System** or a related industrial sensor module. These parts are commonly used in motion control, robotics, and CNC machinery to provide precise feedback on position and velocity.
---
## Technical Specifications & Components
The "R2" suffix often denotes a specific revision or output configuration (such as RS422 or TTL). Below are the typical electronic characteristics of this series:
### 1. Key Internal Features
| Component | Function |
| :--- | :--- |
| **MR Sensor (Anisotropic Magnetoresistive)** | Detects changes in the magnetic field from a magnetized ring or scale. |
| **Signal Conditioner IC** | Amplifies the low-level analog signals from the sensor into stable pulses. |
| **Interpolation Logic** | Increases resolution by dividing the base magnetic poles into smaller increments. |
| **Output Drivers** | Usually Differential Line Drivers (RS422) to ensure noise immunity over long cables. |
### 2. Electronic Parameters
| Parameter | Typical Value |
| :--- | :--- |
| **Supply Voltage** | 5V DC ± 10% |
| **Output Signal** | A, /A, B, /B (Quadrature) + Z, /Z (Index) |
| **Maximum Frequency** | Up to 500 kHz - 1 MHz |
| **Current Consumption** | < 50mA (unloaded) |
| **Resolution** | Highly dependent on the matching magnetic ring (e.g., 1000 to 5000 pulses per revolution). |
---
## Wiring and Pinout Structure
Most M2REB series connectors follow a standard industrial color code or pin map for differential signals:
```markdown
1. VCC (+5V) -> Red
2. GND (0V) -> Black
3. Channel A -> White
4. Channel /A -> Yellow
5. Channel B -> Green
6. Channel /B -> Blue
7. Channel Z -> Brown (Index pulse)
8. Channel /Z -> Grey
9. Shield -> Braided Mesh
```
---
## Application Context
These parts are designed for **harsh environments** where optical encoders might fail due to dust, oil, or vibrations.
* **Encapsulation:** The internal electronics are usually potted in epoxy to prevent moisture ingress.
* **Sensing Method:** Non-contact magnetic sensing, which means no mechanical wear on the electronic sensing head.
* **Compatibility:** Designed to interface with PLCs, High-Speed Counter modules, or Servo Drives.
- ⤷
What is the maximum RPM supported by the M2REB-RB3-R2 sensor?
- ⤷ How do I troubleshoot a 'Signal Loss' error with this magnetic encoder?
- ⤷ What is the specific pole pitch requirement for the magnetic ring used with this model?