データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-RBB-R/N

  • AI
    The **M2REB-RBB-R/N** is a specialized electronic hardware component, specifically an **M2 (NGFF) Standoff and Nut assembly**. These parts are critical in modern computing for securing M.2 expansion cards (like NVMe SSDs or Wi-Fi modules) to a Printed Circuit Board (PCB). --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | M.2 (NGFF) Standoff and Nut Set | | **Material** | Brass or Steel (usually Tin or Nickel plated) | | **Thread Size** | M2 x 0.4 | | **Mounting Type** | Surface Mount (SMT) or Press-fit | | **Compatibility** | M.2 2230, 2242, 2260, 2280 form factors | | **RoHS Status** | Compliant (R-suffix indicates Lead-Free/RoHS) | --- ### 2. Physical Breakdown The "RBB-R/N" designation typically refers to a specific kit configuration used in industrial manufacturing: 1. **The Standoff (Receptacle):** * This is the base that is soldered onto the motherboard or PCB. * It provides the necessary clearance between the PCB surface and the M.2 card to prevent electrical shorts and allow for component height on the bottom of the card. 2. **The Screw/Nut:** * The "R/N" often denotes a "Removable Nut" or a specific screw type included in the reel. * It threads into the standoff to lock the M.2 module in place, ensuring the gold fingers stay seated in the M.2 slot. --- ### 3. Key Electronic Functions While it is a mechanical part, it serves several critical functions in an electronic system: * **Grounding (ESD):** By physically connecting the M.2 module's mounting notch to the PCB's ground plane, it helps dissipate Electrostatic Discharge. * **Mechanical Stability:** M.2 connectors are friction-fit; without this part, high-vibration environments would cause the drive to disconnect. * **Thermal Management:** It maintains a precise air gap under the module, which is essential for cooling the NAND flash or controller chips. --- ### 4. Manufacturing Context These parts are usually supplied in **Tape and Reel** packaging (indicated by the "R" in some manufacturer schemes). This allows automated Pick-and-Place machines to populate the PCB during the SMT (Surface Mount Technology) reflow process, rather than requiring manual installation.
    ✨ Follow-up Questions
    • ⤷ What are the standard heights for M.2 standoffs?
    • ⤷ Can these standoffs be used for both NVMe and SATA M.2 drives?
    • ⤷ Is the M2REB-RBB-R/N compatible with automated SMT reflow soldering?