データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-RBC-M2

  • AI
    Based on the technical nomenclature, the **M2REB-RBC-M2** refers to a specific hardware configuration often associated with **Advantech** or similar industrial computing manufacturers. This specific part number typically represents an **M.2 to Retimer Expansion Board** designed for high-speed data communication. --- ### 1. Component Overview This part is an expansion module used to bridge internal system buses (like PCIe) to external or high-speed internal connectors. | Specification | Details | | :--- | :--- | | **Form Factor** | M.2 (Type 2280 or similar) | | **Primary Chipset** | High-performance Redriver/Retimer IC | | **Interface** | PCIe Gen 3 or Gen 4 (Configuration dependent) | | **Connector Type** | Usually includes a high-density cable interface (like OCuLink or SlimSAS) | | **Application** | Server storage, NVMe expansion, and Industrial IoT gateways | --- ### 2. Key Electronic Features #### A. Signal Conditioning (Retimer/Redriver) The "REB" in the name often stands for **Retimer Expansion Board**. - **Function:** As PCIe signals travel across traces and cables, they suffer from signal degradation (jitter and attenuation). - **The Electronic Part:** The onboard IC regenerates the signal, ensuring data integrity over longer distances between the CPU and the end device (like an NVMe SSD). #### B. Power Management The board contains voltage regulator modules (VRMs) to convert the 3.3V provided by the M.2 slot into the specific voltages required by the retimer chip and the connected peripheral. #### C. Connectivity The **RBC** designation usually refers to the specific cabling or backplane compatibility: - **Input:** M.2 Male Gold Finger (plugs into the motherboard). - **Output:** A high-speed connector designed to link to a drive bay or a secondary riser card. --- ### 3. Usage Context In industrial computing, this part is used when a standard motherboard lacks enough physical ports for high-speed storage. By plugging this into an M.2 slot, the user converts a standard storage slot into a high-bandwidth communication port for external arrays. --- ### 4. Technical Summary Table | Part Code Segment | Meaning | | :--- | :--- | | **M2** | M.2 Standard Interface | | **REB** | Retimer Expansion Board | | **RBC** | Riser/Backplane Connection | | **M2** | Revision or Port Count (Dual Port) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Retimer and a Redriver in this context?
    • ⤷ Is this board compatible with standard consumer NVMe M.2 slots?
    • ⤷ What specific cable types are required for the M2REB-RBC-M2?