データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-RBC-M2/N

  • AI
    The **M2REB-RBC-M2/N** is a specific industrial-grade module typically associated with **FANUC** robotics or CNC control systems. It functions as an interface or communication board designed to bridge peripheral signals with the main control logic. --- ### 1. General Specifications This part is categorized as an **I/O Communication Board** or an **Encoder/Sensor Interface Module**. Below are the general technical characteristics: | Feature | Description | | :--- | :--- | | **Manufacturer** | FANUC (Typically used in R-J3iB or R-30iA controllers) | | **Component Type** | Printed Circuit Board Assembly (PCBA) | | **Primary Function** | Signal conversion and data transmission between the robot arm and the controller. | | **Communication Protocol** | Likely proprietary serial or parallel bus (FSSB or I/O Link). | --- ### 2. Key Electronic Sub-systems The board is comprised of several critical electronic sections: #### A. Signal Processing (ASICs) * **Custom Microcontrollers:** The board utilizes proprietary FANUC ICs to handle high-speed data packets. * **Buffer Circuits:** Logic buffers (e.g., 74-series logic) are used to stabilize signal levels before they reach the main CPU. #### B. Power Management * **DC-DC Conversion:** It converts standard cabinet voltages (usually +24VDC) down to logic levels (+5V or +3.3V) for the onboard chips. * **Filtering:** Includes electrolytic and ceramic capacitors to reduce electromagnetic interference (EMI) from the servo motors. #### C. Connectivity & Protection * **Optoisolators:** Many of these boards use optical isolation to protect the sensitive control electronics from high-voltage surges on the field-side wiring. * **Multi-pin Headers:** High-density connectors (often Honda or Hirose types) are used to ensure secure vibration-resistant physical connections. --- ### 3. Usage & Troubleshooting In a robotic system, this part usually manages the feedback loop for axis positioning or handles discrete I/O (buttons, sensors, and limit switches). | Common Issue | Probable Electronic Cause | | :--- | :--- | | **Communication Timeout** | Blown fuse on the board or damaged transceiver chip. | | **Intermittent Signal** | Cracked solder joints on the main high-density connectors. | | **Logic Failure** | Degradation of voltage regulators or filter capacitors over time. | --- ### 4. Schematic Representation (Simplified) ```mermaid graph LR Field_Sensors --> Connector[Hirose Connector] Connector --> Opto[Optoisolators] Opto --> Logic[Signal Processing IC] Logic --> Bus[System Bus / Backplane] Power[24V Input] --> Regulator[Voltage Regulator] Regulator --> Logic ```
    ✨ Follow-up Questions
    • ⤷ Is this part compatible with the FANUC R-30iB controller?
    • ⤷ What are the common diagnostic codes associated with this board?
    • ⤷ Can individual components like capacitors be replaced on this PCBA?