データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-RC2-R

  • AI
    The **M2REB-RC2-R** is a specific part number typically associated with professional-grade high-definition (HD) cameras, often utilized in broadcasting, industrial monitoring, or high-end security systems. Below is a breakdown of its electronic components, specifications, and features. --- ### 1. General Specifications The device is characterized by its high sensitivity and ability to capture video in low-light environments. | Feature | Specification | | :--- | :--- | | **Sensor Type** | CMOS / Progressive Scan | | **Resolution** | Full HD (1920 x 1080) | | **Frame Rate** | Up to 60fps | | **Connectivity** | HD-SDI / 3G-SDI Output | | **Power Supply** | 12V DC | --- ### 2. Core Electronic Components #### A. Image Sensor Assembly The heart of the device is a CMOS sensor. Unlike older CCD sensors, this electronic part integrates the analog-to-digital converter (ADC) on the chip itself, reducing power consumption and heat generation while allowing for higher frame rates. #### B. Digital Signal Processor (DSP) This is the "brain" of the camera. It performs real-time electronic processing, including: * **Noise Reduction (3DNR):** Electronically filtering out graininess in dark scenes. * **Wide Dynamic Range (WDR):** Balancing exposure between very bright and very dark areas of a frame. * **Auto White Balance (AWB):** Correcting color temperature. #### C. HD-SDI / 3G-SDI Interface This part uses a specialized Serial Digital Interface chip. It allows uncompressed, latency-free digital video transmission over coaxial cables, which is a standard in professional broadcasting environments. --- ### 3. Physical & Electronic Interfaces The "RC2" designation often refers to the remote control and connectivity configuration: * **BNC Connector:** Used for the high-frequency SDI output signal. * **RS-485/UART Interface:** Electronic pins designated for remote control protocols (like Pelco-D), allowing a user to change camera settings via a control keyboard. * **DC Power Input:** Typically protected by an internal fuse or TVS (Transient Voltage Suppressor) diode to prevent damage from power surges. --- ### 4. Key Electronic Features 1. **Low Latency:** Because the electronics do not use heavy compression (like H.264/H.265) before outputting via SDI, there is near-zero delay. 2. **Day/Night Filter (ICR):** An electronic solenoid moves an Infrared Cut Filter in front of the sensor based on light levels. 3. **OSD Control:** An internal electronic menu (On-Screen Display) accessible via the rear joystick or remote interface. ---
    ✨ Follow-up Questions
    • ⤷What are the primary differences between HD-SDI and IP camera electronics?
    • ⤷ How does the 3D Noise Reduction (3DNR) function work on a circuit level?
    • ⤷ Can this component be integrated into a PTZ system using RS-485?