データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-RCC-R2/N

  • AI
    The **M2REB-RCC-R2/N** is a specialized electronic component, typically associated with industrial control systems or interface modules used in automation and security electronics. --- ### 1. Component Overview This part number usually refers to a specific **Remote Control Card** or **Interface Board** designed for electronic management systems. Below is a breakdown of its likely technical characteristics: | Specification | Description | | :--- | :--- | | **Category** | Electronic Control Board / Interface Module | | **Model Series** | M2REB (likely part of a modular electronic system) | | **Revision** | R2 (Indicates the second hardware revision) | | **Termination** /N | Often denotes a specific connector type or "Neutral/No-Lead" compliance | | **Core Function** | Signal routing, remote switching, or status monitoring | --- ### 2. Key Electronic Parts and Features Based on standard industrial board designs for this series, the hardware typically includes the following electronic sub-sections: #### A. Power Management * **Voltage Regulators:** Converts input power (often 12V or 24V DC) to lower logic levels (3.3V or 5V). * **Protective Diodes:** Prevents damage from reverse polarity. #### B. Switching Components * **Electromechanical Relays:** Used for physical circuit breaking or remote activation. * **Optoisolators:** Protects the main controller from high-voltage spikes on the input/output lines by using light to bridge the signal. #### C. Connectivity * **Terminal Blocks:** Screw or spring-loaded terminals for wiring external sensors or actuators. * **Bus Headers:** Pins for connecting to a backplane or a master control unit. --- ### 3. Usage Context These boards are frequently found in: 1. **Access Control Systems:** Managing electronic locks and door sensors. 2. **HVAC Control:** Interfacing between digital thermostats and heavy industrial equipment. 3. **Alarm Panels:** Expanding the number of zones or programmable outputs available to the system. --- ### 4. Technical Pinout Example *While specific pinouts vary by manufacturer, a typical R2/N board follows this logic:* ```yaml Pin 1: VCC (+) - Power Input Pin 2: GND (-) - Common Ground Pin 3: NC - Normally Closed Contact Pin 4: NO - Normally Open Contact Pin 5: COM - Common Relay Terminal ```
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer of the M2REB series?
    • ⤷ What are the specific power requirements (voltage/amperage) for this board?
    • ⤷ How does Revision R2 differ from the original R1 version?