データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-RCC-R2/Q

  • AI
    Based on the model number provided, the **M2REB-RCC-R2/Q** typically refers to a high-performance **ARM-based System on Module (SoM)** or an evaluation board configuration, often associated with the **Renesas R-Car** series or similar automotive/industrial grade System-on-Chips (SoC). Below is a breakdown of the electronic components and technical architecture usually found in this category of hardware. --- ### 1. Core Processing Unit (SoC) The heart of the board is usually a Renesas R-Car Gen3 or Gen4 processor. * **Architecture:** Multi-core ARM Cortex-A57/A53 or Cortex-A76/A55 configuration. * **Real-time Co-processor:** Often includes an ARM Cortex-R7 for safety-critical tasks (ASIL support). * **GPU:** Integrated Imagination PowerVR graphics for 3D rendering. ### 2. Memory and Storage Specifications | Component | Type | Typical Capacity | | :--- | :--- | :--- | | **RAM** | LPDDR4 / LPDDR4x | 4GB - 8GB | | **Flash Storage** | eMMC 5.1 | 16GB - 64GB | | **Boot Flash** | QSPI Nor Flash | 64MB - 128MB | ### 3. Power Management (PMIC) The board utilizes a dedicated **Power Management IC (PMIC)** to handle the complex voltage sequencing required by the SoC. * **Input Voltage:** Typically 5V or 12V DC. * **Voltage Rails:** Multiple buck converters for Core (0.8V), DDR (1.1V/1.8V), and I/O (3.3V). ### 4. Interface and Connectivity The "RCC" and "R2" designations often refer to specific revisions of the carrier board or interface headers: * **Ethernet:** Gigabit Ethernet PHY (often supporting AVB - Audio Video Bridging). * **SerDes:** Support for GMSL2 or FPD-Link III (common in automotive camera systems). * **PCIe:** High-speed expansion slots for SSDs or Wi-Fi modules. * **CAN-FD:** Integrated transceivers for automotive networking. ### 5. Code Example: Accessing GPIO via Linux If the board is running a Yocto-based Linux distribution, interacting with the electronic pins is typically done through the sysfs or libgpiod interface. ```python import gpiod import time # Example: Toggling a pin on a Renesas R-Car board LINE_OFFSET = 10 # Specific to the board schematic chip = gpiod.Chip('gpiochip1') line = chip.get_line(LINE_OFFSET) line.request(consumer='LED_TEST', type=gpiod.LINE_REQ_DIR_OUT) try: while True: line.set_value(1) time.sleep(1) line.set_value(0) time.sleep(1) finally: line.release() ``` --- ### Summary of Component Revision (R2/Q) * **R2:** Indicates the second hardware revision, usually fixing Errata from the R1 version. * **Q:** Often denotes "Qualified" or "Automotive Grade" components, tested for higher temperature ranges (-40°C to +85°C or higher).
    ✨ Follow-up Questions
    • ⤷ Which specific Renesas R-Car SoC model is used in the R2 revision?
    • ⤷ Does this board support GMSL2 camera interfaces?
    • ⤷ What are the power consumption requirements for the M2REB module?