データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-RDB-R2

  • AI
    The **M2REB-RDB-R2** is a specialized daughterboard (RDB stands for **Reference Design Board**) typically used in the development and evaluation of automotive-grade System-on-Chips (SoCs), specifically those from Renesas (R-Car series). Below is a breakdown of the electronic components and structural features of this board. --- ### 1. Core Architecture & Connectivity This board acts as an interface bridge between a main computing module and peripheral devices. It is designed to expand the I/O capabilities of the R-Car platform. | Component Type | Description | | :--- | :--- | | **Interface Type** | Typically uses a high-density board-to-board connector to interface with a CPU/SoC module. | | **PCIe Support** | Features M.2 slots (often Key M or Key E) for SSDs or wireless modules. | | **Networking** | Includes Ethernet PHYs (Physical Layer transceivers) for 100/1000Base-T connectivity. | | **USB Support** | Integrated USB 2.0/3.0 controllers and Type-A or Type-C physical ports. | ### 2. Key Electronic Sections #### A. Power Management (PMIC) The board contains complex voltage regulation circuits to convert the base input (usually 12V or 5V) into the lower voltages required by high-speed logic: * **Buck Converters:** Step-down regulators for 3.3V, 1.8V, and 1.1V rails. * **LDOs:** Low-dropout regulators for noise-sensitive analog components like audio or clock generators. #### B. Storage & Memory Interfaces * **SD Card Slot:** For booting the operating system (Linux/QNX) or data logging. * **eMMC/Flash:** High-speed non-volatile memory chips used for firmware storage. * **EEPROM:** Small-capacity memory for storing board revision data and MAC addresses. #### C. Communication & Bus Protocols The board routes signals for several automotive and industrial protocols: * **CAN/CAN-FD:** Transceivers for automotive networking. * **UART:** Serial headers for debugging and console access. * **I2C/SPI:** Busses used to communicate with onboard sensors or clock synthesizers. ### 3. Technical Specifications Table | Feature | Specification Details | | :--- | :--- | | **PCB Layers** | Usually 8 to 12 layers (High-Density Interconnect) | | **Form Factor** | Custom mezzanine / Daughterboard style | | **Input Voltage** | 12V DC (typical for automotive RDBs) | | **Connector** | Samtec or similar high-speed mezzanine connectors | --- ### 4. Typical Usage Scenario The **M2REB-RDB-R2** is used by embedded engineers to: 1. **Validate SoC Features:** Test the high-speed SerDes (Serializer/Deserializer) lines. 2. **Software Development:** Provide a stable hardware platform before custom production PCBs are ready. 3. **Sensor Integration:** Connect cameras or LIDAR sensors via the expansion headers.
    ✨ Follow-up Questions
    • ⤷ Which Renesas R-Car SoC series is this board primarily compatible with?
    • ⤷ What are the specific pinout differences between R1 and R2 revisions?
    • ⤷ Does this board support GMSL or FPD-Link camera interfaces?