データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-RDB-R2/CE

  • AI
    The **M2REB-RDB-R2/CE** is a specific hardware revision and model typically associated with **POS (Point of Sale) systems**, specifically those developed by **Toshiba GCS** (Global Commerce Solutions) or related retail hardware providers. This model generally refers to a **Remote Display Board** or a customer-facing display assembly used in retail environments. --- ## 1. Core Component Breakdown The electronic architecture of this module is designed for durability and constant operation. Below are the primary electronic sections: | Component Type | Description | Function | | :--- | :--- | :--- | | **Microcontroller/SoC** | Low-power embedded processor | Manages data stream from the main POS terminal and renders text/graphics. | | **LCD/VFD Controller** | Integrated circuit (IC) | Controls the pixel matrix or segments of the display panel. | | **Interface Port** | Powered USB or RS-232 | Handles both data transmission and power delivery (Bus-powered). | | **Voltage Regulators** | DC-to-DC Converters | Steps down the input voltage (usually 12V or 5V) to 3.3V or 1.8V for internal logic. | | **EEPROM** | Non-volatile memory | Stores configuration settings, character sets, and firmware versioning. | --- ## 2. Technical Specifications & Features As an industrial-grade electronic part, the "R2/CE" designation indicates a specific revision (R2) and European Compliance (CE). ### Hardware Connectivity * **Powered Connections:** Most M2REB units utilize a single cable for both power and data to reduce cable clutter at the checkout counter. * **Signaling:** Uses standard serial-over-USB protocols or proprietary Toshiba high-speed headers. ### Power Management * **Input Voltage:** Typically 5V or 12V DC. * **Consumption:** Designed for low thermal output to prevent overheating in enclosed plastic housings. --- ## 3. PCB Layout Overview If you were to inspect the internal Printed Circuit Board (PCB), you would find: 1. **Shielding:** Metal EMI shielding to prevent interference from nearby cellular phones or security tag deactivators. 2. **Capacitors:** Solid-state electrolytic or ceramic capacitors for long-term stability (essential for 24/7 retail use). 3. **Reverse Polarity Protection:** Diodes placed at the power input to prevent damage if an incorrect power supply is connected. --- ## 4. Maintenance and Repair Because these parts are modular, electronic failure is usually addressed at the board level rather than the component level. Common failure points include: * **Blown SMD Fuses:** Caused by power surges from the host machine. * **Worn Connector Pins:** Physical degradation from vibration or improper cable seating.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout diagrams for the M2REB connector?
    • ⤷ How do I update the firmware on the R2 revision of this board?
    • ⤷ What are the common error codes displayed by this hardware during a POST failure?