データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-S42-R2SLASHQ

  • AI
    The part number **M2REB-S42-R2/Q** refers to a high-precision, industrial-grade **Magnetic Rotary Encoder System**, typically manufactured by companies like **Magnescale** (formerly Sony Precision Technology). These systems are designed for position and speed detection in harsh environments. ### 1. Component Overview The system generally consists of a magnetic pickup head (the sensor) and a magnetic scale (the magnetic media). It is used to convert rotary motion into electrical signals. | Feature | Specification Details | | :--- | :--- | | **Type** | Magnetic Incremental Rotary Encoder | | **Output Signal** | A/B Phase (Quadrature) + Index Signal (Z) | | **Resolution** | High-resolution (often used for precision spindles or motors) | | **Durability** | High resistance to oil, water, dust, and vibration | | **Signal Level** | Typically RS-422 (Line Driver) compliant | --- ### 2. Breakdown of Part Characteristics While specific manufacturer datasheets may vary slightly based on the revision, the "M2REB" series usually signifies the following: * **M2REB Series:** A compact, magnetic-based sensing unit designed for integration into motor housings or high-speed spindles. * **S42:** Refers to the physical diameter or the specific mechanical interface (often 42mm-related dimensions). * **R2/Q:** Indicates the signal type (Quadrature/Line Driver) and the specific connector or cable configuration. --- ### 3. Key Electronic Functions The electronics inside the **M2REB-S42-R2/Q** perform three primary tasks: 1. **Magnetoresistive (MR) Sensing:** The head contains MR elements that detect the magnetic field changes from a rotating magnetic drum or disk. 2. **Signal Conditioning:** Internal circuitry amplifies the weak analog signals from the MR elements. 3. **Interpolation and Digitization:** The analog sine/cosine waves are interpolated to increase resolution and converted into square-wave digital signals (TTL or RS-422) for the CNC or PLC controller. --- ### 4. Technical Advantages * **Non-Contact Sensing:** Since it is magnetic rather than optical, it does not fail if the sensor is covered in oil or coolant. * **Thermal Stability:** Magnetic scales are generally more robust against thermal expansion issues compared to some glass scales. * **High Speed:** Capable of tracking rotations at very high RPMs without signal loss. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring pinouts for the RS-422 signal in this encoder?
    • ⤷ How does a magnetic encoder compare to an optical encoder in terms of accuracy?
    • ⤷ What are the common industrial applications for the M2REB series?