データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-S5D-R2SLASHQ

  • AI
    The part number **M2REB-S5D-R2/Q** refers to a high-precision, industrial-grade **Magnetic Rotary Encoder System**, typically manufactured by companies like **Magnescale** (formerly Sony Precision Technology). These systems are designed for high-resolution feedback in harsh environments where optical encoders might fail due to oil, dust, or vibration. --- ### 1. Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Type** | Magnetic Incremental Rotary Encoder | | **Output Signal** | A/B Phase (Quadrature) + Index (Z) | | **Signal Level** | RS-422 Line Driver (Differential) | | **Power Supply** | Typically 5V DC | | **Resolution** | High-resolution (determined by scale interpolation) | | **Environmental Rating** | IP65 or higher (resistant to coolants/oil) | --- ### 2. Breakdown of the Component Parts The system is generally composed of three main electronic/mechanical sections: #### A. The Magnetic Head (The "M2" Series) The "M" usually designates the magnetic sensing technology. Unlike optical sensors, this uses a **Magnetoresistive (MR)** element. * **Function:** It detects changes in the magnetic field as it passes over a magnetic drum or scale. * **Benefit:** It is immune to non-ferrous contaminants like condensation, grease, or metal chips. #### B. The Preamplifier / Interpolator The internal electronics (often designated by the **REB** suffix) perform the following tasks: 1. **Amplification:** Boosts the weak analog signals from the MR sensor. 2. **Digitization:** Converts sine/cosine analog waves into square wave pulses. 3. **Interpolation:** Increases the resolution by dividing the base magnetic pitch into smaller electronic steps. #### C. The Connector and Interface (R2/Q) * **R2:** Usually refers to the cable length or specific radial orientation of the exit cable. * **Q:** Often signifies a specific connector type (e.g., a multi-pin circular connector) or a specific output configuration tailored for CNC controllers (like Fanuc, Mitsubishi, or Siemens). --- ### 3. Key Electronic Characteristics * **Differential Signaling:** Uses RS-422 standards (A, /A, B, /B, Z, /Z). This ensures high noise immunity over long cable runs. * **High Frequency Response:** Capable of tracking rotations at high RPMs without losing pulse counts. * **Thermal Stability:** The electronic compensation circuits account for thermal expansion, ensuring accuracy across a wide temperature range. --- ### 4. Typical Applications * **CNC Spindles:** Monitoring the rotation speed and position of machine tool spindles. * **Heavy Industry:** Environments where oil mist or metal shavings are present. * **Robotics:** High-torque motors requiring robust feedback loops. ---
    ✨ Follow-up Questions
    • What is the exact resolution or pulse-per-revolution (PPR) for this model?
    • How do I wire the RS-422 output to a standard PLC?
    • What are the mounting tolerances for the magnetic head and drum?