データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-SA11-R

  • AI
    ## Technical Overview of M2REB-SA11-R The **M2REB-SA11-R** is a specific electronic component typically categorized as a high-performance **Magnetic Rotary Encoder Board** or a sensor module used in precision motion control. It is often associated with robotic actuators, servo motors, and industrial automation. ### Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Magnetic Rotary Encoder / Sensor Module | | **Resolution** | High-precision angular feedback (often 12-bit to 16-bit) | | **Interface** | Typically SPI, PWM, or Incremental (ABI) | | **Supply Voltage** | Usually 3.3V to 5.0V DC | | **Form Factor** | Compact PCB for integration into motor housings | --- ### Core Electronic Components The board typically consists of several critical stages to convert magnetic fields into digital position data: #### 1. Magnetic Sensing Element (Hall Effect Array) The heart of the module is an integrated circuit (IC) that contains an array of Hall effect sensors. When a diametrically magnetized magnet rotates above the chip, the sensors detect the change in the magnetic field vector. #### 2. Signal Processing (ASIC/MCU) The raw analog signals from the Hall sensors are processed by an On-board Application Specific Integrated Circuit (ASIC). This chip performs: * **CORDIC Algorithm:** Calculates the sine and cosine components to determine the exact angle. * **Calibration:** Compensates for non-linearity and temperature drift. #### 3. Communication Interface The board translates the calculated angle into a protocol that a microcontroller (like an Arduino, STM32, or PLC) can understand: * **Digital:** Output via **SPI** (Serial Peripheral Interface) for high-speed absolute position reading. * **Analog/PWM:** A pulse-width modulated signal where the duty cycle represents the angle. --- ### Common Applications * **Robotic Joints:** Providing feedback for closed-loop control in cobots. * **BLDC Motor Control:** Used for commutation and precise speed regulation. * **Camera Gimbals:** Ensuring smooth and accurate stabilization. * **Knobs/HMI:** High-end digital interface dials that require infinite rotation. --- ### Integration Notes * **Alignment:** The magnet must be centered over the sensor IC with a specific air gap (usually 0.5mm to 3mm) for optimal accuracy. * **Shielding:** Being a magnetic sensor, it is sensitive to external magnetic fields (like those from unshielded high-current wires).
    ✨ Follow-up Questions
    • ⤷What is the maximum RPM supported by the M2REB-SA11-R sensor?
    • ⤷ What are the specific pinout configurations for the SPI interface?
    • ⤷ How does the air gap between the magnet and sensor affect the output accuracy?