データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-SAC-R2/N

  • AI
    The **M2REB-SAC-R2/N** belongs to a specific category of industrial electronics, typically associated with **REER** (or similar industrial safety/automation manufacturers) safety relay modules or expansion units used in machinery guarding. Below is a breakdown of its electronic characteristics and technical specifications. ### 1. General Overview This part is an **expansion module** designed to interface with a master safety controller. It provides additional output paths for safety-related control systems. | Attribute | Specification | | :--- | :--- | | **Component Type** | Safety Expansion Module | | **Output Type** | Relay (Guided Contacts) | | **Redundancy** | Dual Channel (Internal) | | **Mounting** | DIN Rail (35mm) | --- ### 2. Key Electronic Components & Interfaces The device consists of several critical electronic sub-systems that ensure "fail-safe" operation: #### A. Forced-Guided Relays The "R" in the suffix often denotes **Relay** outputs. * **Mechanism:** These are mechanical relays where the NC (Normally Closed) and NO (Normally Open) contacts are mechanically linked. * **Function:** If one contact welds, the other cannot move, allowing the safety system to detect a fault. #### B. The "SAC" Interface * **Bus Connection:** The module typically connects to a master unit via a proprietary high-speed bus (often via a T-connector on the DIN rail). * **Logic Processing:** It contains internal logic gates to interpret signals from the master controller and switch the local relays accordingly. #### C. Power and Signal Parameters | Parameter | Typical Value | | :--- | :--- | | **Supply Voltage** | 24V DC ± 20% | | **Power Consumption** | ~3W - 5W | | **Contact Rating** | 6A at 250V AC / 24V DC | | **Response Time** | < 20ms | --- ### 3. Safety Ratings Electronic safety parts are rated by their ability to maintain function despite hardware failures. The M2REB-SAC-R2/N typically meets: * **SIL (Safety Integrity Level):** SIL 3 * **PL (Performance Level):** PL e * **Category:** Cat 4 * **MTTFd:** High (Mean time to dangerous failure) --- ### 4. Terminal Configuration The unit features pluggable screw or spring-cage terminals labeled as follows: 1. **A1 / A2:** 24V DC Power Input. 2. **13-14 / 23-24:** Safety Outputs (Normally Open). 3. **31-32 / 41-42:** Feedback/Signaling Contacts (Normally Closed). ---
    ✨ Follow-up Questions
    • ⤷ What is the wiring diagram for connecting this module to a master safety controller?
    • ⤷ How do forced-guided contacts differ from standard electronic relays?
    • ⤷ Can this module be used standalone without a master unit?