データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-SB2-R2SLASHCE

  • AI
    The part number **M2REB-SB2-R2/CE** typically refers to an industrial-grade **Rotary Encoder** or a specialized **Motor/Drive component** (often associated with brands like Mitsubishi or specific CNC/robotic feedback systems). Below is a breakdown of the electronic specifications and functional characteristics generally associated with this series. --- ### 1. Key Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Component Type** | Rotary Encoder / Feedback Unit | | **Output Type** | Serial Communication / Differential Line Driver | | **Resolution** | High-precision (often 20-bit or 24-bit depending on the sub-model) | | **Input Voltage** | Typically 5V DC ± 5% | | **Connection Interface** | SB2 (Standard Connector/Cable Interface) | | **Certification** | CE (European Conformity) | --- ### 2. Functional Electronic Parts The device consists of several critical internal and external electronic sub-assemblies: #### A. Optical/Magnetic Sensing Disk * **The Scale:** A high-precision disk that generates pulses or absolute position data as it rotates. * **The Sensor Head:** An LED source and a photodiode array (for optical) or Hall-effect sensors (for magnetic) that convert physical rotation into electrical signals. #### B. Signal Processing PCB * **ASIC/Microcontroller:** Processes the raw analog signals from the sensors and converts them into a digital protocol (like Mitsubishi High-Speed Serial). * **Line Driver IC:** Ensures the signal can travel over long cables without interference by using differential signaling (A, A-, B, B-). #### C. Connectivity and Protection * **Connector (SB2):** A specialized multi-pin industrial connector designed for high vibration resistance. * **R2 Specification:** Usually denotes a specific revision or a mechanical mounting style (flange type). * **Filtering:** Internal capacitors and ferrite beads to reduce Electromagnetic Interference (EMI). --- ### 3. Usage Context This part is most commonly found in: * **AC Servo Motors:** Providing position feedback to the Servo Drive. * **CNC Machinery:** Ensuring precise movement of the X, Y, or Z axes. * **Robotic Arms:** Determining the exact angle of joints. --- ### 4. Wiring Diagram Concept (Generic) ```cpp // Typical Pinout logic for these industrial encoders: Pin 1: VCC (+5V) Pin 2: GND (0V) Pin 3: Serial Data + Pin 4: Serial Data - Pin 5: Request / Clock + Pin 6: Request / Clock - Shield: Case Ground ```
    ✨ Follow-up Questions
    • ⤷ What is the exact resolution in pulses per revolution for the R2 variant?
    • ⤷ Is this encoder compatible with Mitsubishi MR-J4 series drives?
    • ⤷ How do I troubleshoot a 'Communication Error' on this specific part number?