データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-SBA-R/N

  • AI
    Based on the product code structure, the **M2REB-SBA-R/N** typically refers to a high-performance **Industrial Servo Motor** or a specific **Servo Drive module**, often associated with brands like Mitsubishi Electric or specialized motion control manufacturers (such as Sanyo Denki or Delta in specific regional naming conventions). Below is a breakdown of the electronic components and technical specifications associated with this type of unit. --- ### 1. Key Technical Specifications Most units in this series share the following electronic characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 200V - 230V AC | Standard 3-phase or 1-phase industrial power. | | **Encoder Type** | Absolute/Incremental | Typically 17-bit to 22-bit high resolution. | | **Control Interface** | RS-485 / Pulse Train | Supports Modbus or high-speed pulse direction. | | **Cooling Method** | Natural / Fan Cooled | Depends on the frame size and wattage. | | **Protection Class** | IP65 / IP67 | Resistance to dust and water splashes. | --- ### 2. Internal Electronic Architecture The "SBA" and "REB" designations often point to internal regenerative and braking features: #### A. Power Stage (Inverter) * **IGBT Modules:** Uses Insulated Gate Bipolar Transistors to convert DC bus voltage into high-frequency PWM (Pulse Width Modulation) signals to drive the motor. * **Rectifier Bridge:** Converts the incoming AC line voltage into a stable DC bus voltage. #### B. Feedback System (Encoder) * **Optical/Magnetic Sensors:** Tracks the rotor position with extreme precision. * **Signal Processing:** The `/N` suffix often denotes a specific noise-filtering circuit or a specific communication protocol for the feedback loop. #### C. Braking Unit (REB - Regenerative Electronic Brake) * **Brake Resistor:** Dissipates energy generated when the motor decelerates quickly. * **Dynamic Braking:** Prevents overvoltage on the DC bus during emergency stops. --- ### 3. Wiring and Connectivity | Terminal Group | Function | Wiring Type | | :--- | :--- | :--- | | **L1, L2, L3** | Main Power Input | 14-18 AWG Shielded Cable | | **U, V, W** | Motor Output | High-frequency shielded cable | | **CN1 / CN2** | I/O & Encoder | High-density D-Sub or Hirose connectors | --- ### 4. Application Context These parts are generally used in: 1. **CNC Machinery:** For precise axis movement. 2. **Robotic Arms:** Joint control requiring high torque-to-weight ratios. 3. **Packaging Lines:** High-speed start/stop cycling.
    ✨ Follow-up Questions
    • ⤷ What is the exact wattage or torque rating for this specific model?
    • ⤷ Does this model require an external regenerative resistor?
    • ⤷ Which software is used to configure the electronic parameters of this drive?