データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-SCA-R/UL

  • AI
    The **M2REB-SCA-R/UL** is a specialized electronic component, typically classified as a **safety door switch** or a **non-contact magnetic coded switch**, often manufactured by companies like Omron or specialized safety hardware vendors. It is designed to monitor the status of safety guards and doors in industrial environments. --- ### 1. Component Overview This device is a safety interlock system that uses magnetic sensing technology to ensure that machinery cannot operate unless a safety door is closed. The "UL" suffix indicates compliance with Underwriters Laboratories safety standards for the North American market. ### 2. Technical Specifications The following table outlines the typical electrical and physical characteristics of this series: | Feature | Specification | | :--- | :--- | | **Switch Type** | Non-contact Magnetic / Coded | | **Contact Configuration** | 2NC (Normally Closed) + 1NO (Normally Open) | | **Voltage Rating** | 24V DC typical (Low Voltage Control) | | **Sensing Distance** | 5mm to 15mm (Operating/Release) | | **Housing Material** | Robust Plastic or Resin (Red for Safety) | | **Connection Type** | Cable lead or M12 Connector (Model dependent) | | **Safety Rating** | SIL3 / PLe (depending on the safety controller) | --- ### 3. Key Electronic Features #### A. Coded Magnetic Operation Unlike a simple reed switch that can be fooled by a standard magnet, the **M2REB** uses a "coded" magnet. This means the internal electronics require a specific magnetic pattern from the matching actuator to trigger the circuit. This prevents intentional bypassing of the safety system. #### B. Redundancy (Dual Channel) The "2NC" configuration provides electronic redundancy. * **Channel 1 & 2:** Monitor the door status. If one channel fails, the safety controller detects the discrepancy and prevents the machine from starting. * **Auxiliary Contact:** The 1NO contact is typically used for PLC monitoring or status lights, not for the primary safety loop. #### C. Environmental Durability The electronic internals are usually fully potted or encapsulated. * **IP Rating:** Generally IP67, making it resistant to dust and water immersion. * **Vibration Resistance:** Designed to withstand heavy industrial machinery movement without false tripping. --- ### 4. Typical Wiring Diagram Logic In a safety circuit, the electronics are integrated as follows: ```mermaid graph LR A[Safety Controller] --- B[Switch Channel A] A[Safety Controller] --- C[Switch Channel B] D[24V Source] --- E[Auxiliary Signal] E --- F[PLC Input] ``` --- ### 5. Application Areas * **Robotic Cells:** Ensuring the robot stops if a human enters the zone. * **Packaging Lines:** Guarding moving belts and pulleys. * **Pharmaceutical/Food:** Used because non-contact switches are easy to clean and have no mechanical parts to break or trap debris.
    ✨ Follow-up Questions
    • What is the difference between this non-contact switch and a mechanical limit switch?
    • How do I wire the 2NC contacts into a safety relay?
    • What are the mounting requirements for the actuator to ensure proper sensing?