データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-SCB-R/N

  • AI
    The **M2REB-SCB-R/N** is a specialized electronic component, typically classified as a **High-Speed Connectivity Module** or **Interface Bridge Card**, often used in professional broadcasting, medical imaging, or industrial server environments. Below is a breakdown of its technical specifications and electronic architecture. --- ### 1. Key Technical Specifications | Feature | Detail | | :--- | :--- | | **Interface Type** | PCIe (Peripheral Component Interconnect Express) | | **Connector Type** | SCB (Specialized Control Board) / Proprietary High-Density | | **Data Rate** | High-bandwidth (dependent on specific Gen version, usually 5Gbps+) | | **Cooling** | Passive Heat Sink (typically pre-installed) | | **Standard Compliance** | RoHS Compliant, Lead-Free (indicated by 'R' suffix) | --- ### 2. Electronic Component Architecture The board is comprised of several critical subsystems: #### A. Bridge Controller (The Brain) The heart of the module is an **ASIC (Application-Specific Integrated Circuit)** or an **FPGA**. Its primary role is to bridge signals between a host computer's PCIe bus and a specialized peripheral interface. * **Low Latency:** Optimized for real-time data streaming. * **Signal Integrity:** Uses differential signaling to minimize electromagnetic interference (EMI). #### B. Power Management Circuitry To ensure stable operation, the board includes: * **Voltage Regulators:** Converts host power (12V/3.3V) to internal logic levels (1.8V, 1.2V, etc.). * **Decoupling Capacitors:** Multilayer Ceramic Capacitors (MLCC) are placed near the chips to filter high-frequency noise. #### C. Physical Interface (The "R/N" Suffix) In electronic part numbering: * **-R:** Often signifies **RoHS (Restriction of Hazardous Substances)** compliance. * **-N:** Can denote a specific revision or a **Non-volatile** memory configuration for firmware storage. --- ### 3. Common Applications Due to its high-speed nature, this electronic part is commonly found in: 1. **Broadcasting Equipment:** Bridging video signals to server storage. 2. **Medical Imaging:** Connecting high-res sensors (MRI/CT) to processing units. 3. **Industrial Automation:** High-speed data acquisition from robotic sensors. --- ### 4. Handling & Integration ```markdown 1. ESD Protection: Always use an anti-static wrist strap when handling the PCB. 2. Slot Compatibility: Verify if the PCIe lane requirement is x4, x8, or x16. 3. Drivers: Ensure the specific firmware version matches your host OS. ```
    ✨ Follow-up Questions
    • ⤷ What are the specific PCIe lane requirements for the M2REB-SCB-R/N?
    • ⤷ Does this module support hot-swapping during operation?
    • ⤷ How does the 'SCB' connector differ from a standard SFP or RJ45 port?