データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2REB-SCB-R/Q

  • AI
    The **M2REB-SCB-R/Q** is a high-performance networking component, specifically a **Mellanox (now NVIDIA) BlueField-2 SmartNIC** logic board or replacement unit. These devices are technically categorized as Data Processing Units (DPUs). ### 1. Component Identification | Property | Description | | :--- | :--- | | **Manufacturer** | NVIDIA / Mellanox | | **Series** | BlueField-2 DPU | | **Core Architecture** | ARM-based processing cores + ConnectX-6 Network Controller | | **Form Factor** | High-density mezzanine or specialized card (specific to "REB" revisions) | --- ### 2. Key Electronic Parts and Systems The "M2REB" designation refers to a complex PCB containing several integrated subsystems: #### A. The Processing Core (SoC) The heart of the board is the **BlueField-2 I/O Processing Unit**. * **ARM Cores:** Usually contains up to 8 ARM Cortex-A72 64-bit cores. This allows the card to run its own Linux OS (e.g., Ubuntu or CentOS) independently of the host CPU. * **Networking Engine:** Integrated ConnectX-6 Dx hardware acceleration for encryption, tunneling, and RDMA. #### B. Memory Subsystem Unlike standard NICs, this board includes dedicated memory for the ARM processor: * **DDR4 RAM:** Typically 8GB or 16GB of onboard DDR4 ECC memory. * **eMMC/NVMe Flash:** Integrated non-volatile storage to hold the bootloader, firmware, and the operating system image. #### C. Power Management (PMIC) Due to the high TDP (Thermal Design Power) of a DPU (often 35W–75W), the board features: * **Multi-phase VRMs:** Voltage Regulator Modules to step down power from the PCIe slot or external cables to the low voltage required by the SoC. * **Thermal Monitoring:** Integrated sensors that communicate via I2C/SMBus to manage fan speeds or trigger thermal throttling. #### D. Physical Interface * **PCIe Gen 4.0:** Supports x8 or x16 lanes for high-speed data transfer to the host. * **Network Ports:** High-speed SerDes (Serializer/Deserializer) lines leading to SFP28/QSFP56 cages for 25G, 50G, or 100G Ethernet connectivity. --- ### 3. Technical Specifications Summary The "SCB" and "R/Q" suffixes often denote specific revisioning for OEM partners or regional regulatory compliance. | Feature | Specification | | :--- | :--- | | **Networking Speed** | Up to 100Gb/s | | **Hardware Offloads** | NVMe-oF, IPsec, TLS, OVS (Open vSwitch) | | **Onboard OS** | Linux (Mellanox Software Stack) | | **Storage Interface** | Integrated NVMe controller for local boot | --- ### 4. Application Logic The electronic architecture of the M2REB-SCB is designed to offload tasks from the server CPU. 1. **Security:** Moves firewalls and encryption (IPsec/TLS) to the DPU. 2. **Storage:** Handles NVMe over Fabrics (NVMe-oF) directly on the card. 3. **Virtualization:** Manages virtual switches (OVS) to save host CPU cycles.
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard NIC and a BlueField DPU?
    • ⤷ How is the ARM processor on the M2REB programmed?
    • ⤷ What power supply requirements does this board have for server integration?