データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RS-00-R2SLASHBL

  • AI
    Based on your query, the part number **M2RS-00-R2/BL** refers to a high-performance **Industrial Signal Indicator/Tower Light** component, typically manufactured by companies like **Patlite** or **Banner Engineering** (often found in the M2 series). Specifically, these units are used for visual status signaling on machinery or control panels. --- ### 1. Technical Specifications Breakdown | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | M2RS | Multi-color LED Signal Light / Indicator | | **Voltage** | 12V - 24V DC | Standard industrial operating range | | **Color Code** | BL (Blue) | Indicates a specific status (often "Action Required" or "Process Done") | | **Mounting** | 00 (Surface/Direct) | Designed for direct mounting without a pole | | **Protection** | IP66 / IP67 | Highly resistant to dust and high-pressure water jets | | **Connection** | R2 (Cable/Lead) | Refers to the wiring configuration (usually 2-meter pigtail) | --- ### 2. Key Electronic Components The device is more than just a bulb; it contains integrated circuitry to ensure longevity and industrial compatibility: * **High-Intensity LEDs:** Uses Surface Mount Device (SMD) LEDs for high visibility and low power consumption. * **Current Limiting Resistors/Drivers:** Internal circuitry that prevents LED burnout due to voltage fluctuations. * **Reverse Polarity Protection:** A diode-based circuit that protects the unit if the positive and negative wires are swapped during installation. * **Transistor/PLC Compatibility:** The electronics are designed to be driven directly by NPN or PNP outputs from a Programmable Logic Controller (PLC). --- ### 3. Wiring Configuration (Standard) Typical wiring for the **R2** (Lead wire) version: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red/Brown** | Power (+) | +12V to +24V DC Input | | **Blue/Black** | Ground (-) | Common / 0V | | **Colored Wire** | Signal | Trigger wire to activate the specific LED color | --- ### 4. Application Scenarios 1. **Machine Status:** Showing that a cycle is complete or a hopper is empty. 2. **Safety Signaling:** Warning operators of a specific machine state. 3. **Cleanrooms:** Due to the IP rating and smooth surface, these are often used in pharmaceutical or food-grade environments.
    ✨ Follow-up Questions
    • ⤷What is the power consumption in Watts for this specific model?
    • ⤷ Is this indicator compatible with NPN or PNP logic?
    • ⤷ Can this unit be configured for flashing or steady-on modes?