データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RS-1C-R2SLASHCE

  • AI
    The **M2RS-1C-R2/CE** is a high-performance, plug-in industrial relay typically used in automation, control panels, and safety circuits. It is part of a series designed to provide reliable switching between low-power control signals and high-power loads. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the M2RS-1C-R2/CE: | Feature | Specification Details | | :--- | :--- | | **Contact Form** | 1C (SPDT - Single Pole Double Throw) | | **Coil Voltage** | 220V/240V AC (indicated by the R2 suffix) | | **Contact Rating** | 10A at 250VAC / 30VDC | | **Mechanical Life** | > 10,000,000 operations | | **Dielectric Strength** | 2,000V AC (between coil and contacts) | | **Mounting Type** | Plug-in (compatible with standard DIN rail sockets) | | **Compliance** | CE (Conformité Européenne) certified | --- ### 2. Breakdown of the Model Code To understand the electronic components of this specific part, we can deconstruct its nomenclature: * **M2RS**: The series name (often associated with industrial slim or power relays). * **1C**: Indicates the contact configuration. **1C** means one set of change-over contacts (Common, Normally Open, Normally Closed). * **R2**: Refers to the specific **Coil Voltage**. In this series, R2 usually signifies **220/240V AC**. * **CE**: Confirms the device meets European health, safety, and environmental protection standards. --- ### 3. Internal Components & Features The device consists of several critical electronic and mechanical parts: 1. **Electromagnetic Coil:** Converts the 240V AC input into a magnetic field to pull the armature. 2. **Silver Alloy Contacts:** Designed to resist "arcing" and welding, ensuring a long electrical life even under inductive loads. 3. **LED Indicator:** Most units in this series include a built-in LED to provide a visual status of whether the coil is energized. 4. **Mechanical Flag:** A physical indicator that shows the position of the contacts regardless of whether the LED is powered. 5. **Manual Test Button:** Allows technicians to manually trigger the relay to test the downstream circuit without applying power to the coil. --- ### 4. Application Circuit Example In a typical control scenario, the relay acts as an interface between a PLC and a motor. ```python # Logic Flow Representation Input_Signal = "240V AC from Controller" Relay_Coil = Energize(Input_Signal) if Relay_Coil == "Active": Contact_NO = "Closed" # Power flows to Load Contact_NC = "Open" # Power cut from Standby ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 1C and 2C contact configurations in this series?
    • ⤷ Which DIN rail socket is compatible with the M2RS-1C-R2?
    • ⤷ Can this relay be used with a 24V DC control signal?