データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RS-1F-R

  • AI
    The **M2RS-1F-R** is a specific model of a **Miniature Industrial Relay** (often associated with brands like IDEC or similar industrial control manufacturers). It is designed for high-density mounting on PCBs or sockets and is widely used in automation and control logic. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Contact Form** | SPDT (1 Form C) | | **Mounting Type** | Plug-in / PCB (Depending on socket) | | **Contact Material** | Silver Alloy (often Gold-clad for low-level signals) | | **Rated Load (Resistive)** | Typically 5A to 10A @ 250V AC / 30V DC | | **Coil Voltage** | Varies (Commonly 12VDC, 24VDC, or 120VAC) | | **Mechanical Life** | Approx. 10,000,000 operations | --- ### 2. Internal Electronic Components The M2RS-1F-R consists of several critical internal parts that work together to facilitate switching: #### A. The Electromagnetic Coil The heart of the relay. When current flows through the copper windings, it creates a magnetic field. * **The "R" Suffix:** Often indicates a **built-in LED indicator** or a **surge suppression diode/RC circuit**. This allows users to see if the relay is energized and protects the driving circuit from "flyback" voltage spikes. #### B. The Armature and Spring * **Armature:** A moving iron part that is pulled by the magnetic field of the coil. * **Return Spring:** Ensures that when power is removed from the coil, the contacts return to their "Normal" state (Fail-safe). #### C. Contacts (The Switching Element) * **Common (COM):** The moving terminal. * **Normally Closed (NC):** Connected to COM when the coil is OFF. * **Normally Open (NO):** Connects to COM when the coil is ON. --- ### 3. Suffix Breakdown (General Convention) | Code | Meaning | | :--- | :--- | | **M2RS** | Series designation (Miniature/Slim Industrial) | | **1F** | Contact arrangement (1 Form C / SPDT) | | **R** | Indicator Light (Red LED) or built-in suppression | --- ### 4. Application Example (Simple Control Circuit) ```python # Logic representation of the Relay state def control_relay(coil_voltage): is_energized = coil_voltage > 0 if is_energized: print("Contact: COM -> NO (Circuit Closed)") print("Status: Red LED ON") else: print("Contact: COM -> NC (Circuit Idle)") print("Status: LED OFF") ``` --- ### 5. Installation Precautions 1. **Polarity:** If the relay includes a suppression diode (common in "R" versions), ensure the DC polarity to the coil is correct (+ and -) to avoid damaging the internal diode. 2. **Contact Arcing:** When switching inductive loads (like motors), use external snubbers to extend the life of the internal silver contacts.
    ✨ Follow-up Questions
    • ⤷What is the specific coil voltage for the 'R' variant of this relay?
    • ⤷ How do I test if the M2RS-1F-R contacts are worn out?
    • ⤷ Can this relay be mounted directly on a DIN rail?