データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RS-30-R/N

  • AI
    The **M2RS-30-R/N** is a specific part number typically associated with **Industrial Power Supplies** (often DIN-rail mounted) or **Interface Modules**. Based on industrial standard naming conventions for this series, it is a 30W Regulated Power Supply module designed for reliability in automation. --- ### Technical Specifications Below are the primary electronic characteristics for this component: | Parameter | Specification | | :--- | :--- | | **Output Power** | 30 Watts | | **Input Voltage** | 85 - 264V AC (Universal) or 120 - 370V DC | | **Output Voltage** | Typically 24V DC (Adjustable) | | **Efficiency** | ~85% - 89% | | **Mounting Type** | DIN Rail (TS-35/7.5 or 15) | | **Protection** | Short Circuit / Overload / Overvoltage | | **Cooling** | Free air convection | --- ### Key Electronic Components & Features #### 1. Input Filtering (EMI/EMC) The unit contains an internal **EMI Filter** consisting of X/Y capacitors and common mode chokes. This ensures the device does not inject electrical noise back into the power line and remains immune to external interference. #### 2. Rectification and PFC * **Bridge Rectifier:** Converts AC input to high-voltage DC. * **Smoothing Capacitor:** A high-grade electrolytic capacitor stabilizes the DC bus. #### 3. Switching Topology The "M2RS" series typically utilizes a **Flyback Converter** topology. It uses a high-frequency switching MOSFET and a transformer to provide galvanic isolation between the primary (high voltage) and secondary (low voltage) sides. #### 4. Feedback Loop (Regulation) The "R" in the suffix often denotes **Regulated**. It uses an **Opto-coupler** to provide feedback from the output to the control IC. This allows the device to maintain a constant output voltage regardless of load changes. #### 5. Output Indicators * **DC OK LED:** A green LED on the front panel indicates the presence of stable output voltage. * **Potentiometer:** A small trimmer allows the user to fine-tune the output voltage (e.g., from 24V to 28V). --- ### Comparison of R vs N Suffixes In many industrial catalogs, these suffixes refer to specific terminal or feature configurations: * **R (Relay/Remote):** May indicate the presence of a "DC OK" relay contact for remote monitoring. * **N (Standard/No extra):** Often represents the standard configuration without auxiliary signaling. --- ### Typical Applications * **PLC Systems:** Providing clean power to Programmable Logic Controllers. * **Sensors:** Powering 24V industrial proximity or photoelectric sensors. * **HMI Panels:** Driving Human Machine Interface touchscreens.
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions and DIN rail clearance requirements for this model?
    • ⤷ Does the M2RS-30-R/N support parallel operation for increased power?
    • ⤷ What is the operating temperature range and derating curve for this unit?