データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RS-3F-R/N

  • AI
    The **M2RS-3F-R/N** is a specific model of an industrial **Slim Interface Plug-in Relay** manufactured by **Dinkle**. This component is designed for space-saving applications in control panels and automation systems. ### 1. General Specifications This relay serves as an interface between electronic control units (like PLCs) and high-power loads. | Feature | Specification | | :--- | :--- | | **Type** | Slim Interface Relay | | **Mounting Type** | DIN Rail (via Socket) / Plug-in | | **Contact Configuration** | 1 Changeover (SPDT - 1 Form C) | | **Body Width** | ~6.2 mm (Ultra-slim) | | **Termination** | Screw or Push-in (depending on the base) | --- ### 2. Electronic Component Breakdown The "M2RS-3F-R/N" nomenclature typically breaks down into the following technical parts: #### A. The Coil (Input Side) * **Voltage:** Usually operates on **24V DC** (common for industrial standards). * **Protection:** Includes a built-in **Freewheeling Diode** (Flyback diode) to protect the driving circuit from inductive voltage spikes when the relay is de-energized. * **Indication:** Features a **Green LED** indicator to provide visual status of the coil's excitation. #### B. The Contacts (Output Side) * **Material:** Often **AgSnO2** (Silver Tin Oxide), which provides excellent resistance to welding and material transfer. * **Switching Capacity:** Typically rated for **6A at 250V AC / 30V DC**. * **Electrical Life:** Approximately 100,000 cycles at rated load. #### C. The Mechanical Housing * **Extraction Lever:** Includes a plastic locking/ejection lever for easy replacement without disturbing the wiring. * **Bridge Support:** Supports "Jumper" bars to commonize the power across multiple relay units. --- ### 3. Application Use Cases This part is commonly found in: 1. **PLC Output Buffering:** Protecting PLC outputs from high-current inductive loads. 2. **Signal Isolation:** Electrically isolating sensitive control electronics from noisy field devices. 3. **Voltage Level Conversion:** Converting a 24V DC control signal to switch a 230V AC motor or valve. --- ### 4. Technical Diagram Representation The internal logic can be represented as follows: ```mermaid graph LR A[Input +] --> B((Coil)) B --> C[Input -] B -.-> D{LED Indicator} E[Common] --- F[Normally Closed] B -- Magnetic Pull --o G[Normally Open] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and N suffixes in this model number?
    • ⤷ What is the maximum switching frequency for this relay?
    • ⤷ Can this relay be used with AC input voltages?