データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RS-4A-R2

  • AI
    The **M2RS-4A-R2** is a specific type of **Relay Terminal Block** (often associated with brands like Dinkle or various industrial automation suppliers). It is designed to act as an interface between low-power control signals (like a PLC output) and high-power load devices. --- ### 1. General Specifications This module typically features 4 channels, meaning it can control four independent electrical circuits. | Feature | Description | | :--- | :--- | | **Channels** | 4-Channel Relay Output | | **Input Voltage** | Typically 24V DC (Control Side) | | **Contact Type** | 1C (SPDT - Single Pole Double Throw) per channel | | **Mounting Type** | DIN Rail Mounting (TS-35) | | **Indicator** | LED status lamps for each relay | --- ### 2. Core Electronic Components The internal circuitry consists of several key electronic parts that ensure safe and efficient switching: #### A. Electromagnetic Relays The heart of the module. These provide **galvanic isolation** between the control logic and the load. - **Coil:** Energized by the input signal to create a magnetic field. - **Contacts:** Physical metal plates that open or close to switch the load. #### B. Flyback/Freewheeling Diodes Connected in parallel with the relay coil. - **Purpose:** To protect the driving transistor/PLC from voltage spikes (back EMF) generated when the relay coil is de-energized. #### C. LED Status Indicators Small Light Emitting Diodes placed on the input side. - **Function:** Provides visual confirmation that a specific channel is receiving a signal. #### D. Terminal Blocks Screw-type or push-in connectors. - **Function:** Securely connects field wiring (AWG 12-24) to the internal PCB. --- ### 3. Connection Pinout Structure While specific wiring can vary by manufacturer, the M2RS-4A-R2 generally follows this structure: 1. **Input Side (Control):** * **V+ / V-**: Common power supply for the coils. * **S1, S2, S3, S4**: Signal inputs for each of the four relays. 2. **Output Side (Load):** * **COM (Common):** The shared terminal for the switch. * **NO (Normally Open):** Closes when the relay is active. * **NC (Normally Closed):** Opens when the relay is active. --- ### 4. Typical Applications * **PLC Interfacing:** Protecting PLC outputs from inductive loads (motors, solenoids). * **Signal Multiplication:** Using one signal to trigger a higher current load. * **Voltage Conversion:** Controlling a 220V AC load using a 24V DC control signal.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the relay contacts on this module?
    • ⤷ Can this module be used with NPN or PNP logic inputs?
    • ⤷ How do I replace an individual relay if one fails on the board?