データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RS-51-R

  • AI
    The **M2RS-51-R** is a specific electronic component typically categorized as a **Surface Mount (SMT) Inductor** or a high-frequency **Common Mode Choke**, often used in automotive and industrial signal filtering. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications The part number usually corresponds to a series of high-reliability inductors designed for noise suppression. | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | Fixed Inductor / Common Mode Filter | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance** | 5.1 µH (indicated by the '51' in the code) | | **Tolerance** | ±20% (Standard) | | **Operating Temperature** | -40°C to +125°C | | **RoHS Status** | Compliant (indicated by the 'R' suffix) | --- ### 2. Physical Construction The "M2RS" series is built to withstand harsh environments, often featuring: * **Core Material:** Ferrite (high permeability for effective EMI filtering). * **Shielding:** Magnetically shielded to prevent electromagnetic interference (EMI) with neighboring components. * **Terminations:** Matte tin over nickel plating for superior solderability. --- ### 3. Key Performance Features #### A. Power Handling These parts are designed for high-density power supplies. They maintain stable inductance even when the DC current increases (high saturation current). #### B. Frequency Response The "51" (5.1µH) value is optimized for filtering noise in the **MHz range**, making it ideal for DC-DC converters and data line filtering where high-frequency switching noise must be suppressed. #### C. Environmental Durability The "R" at the end of the part number typically signifies **RoHS Compliance**, but in many automotive-grade series, it also implies compliance with **AEC-Q200** standards, meaning it can handle extreme vibrations and thermal cycling. --- ### 4. Common Applications * **Automotive Electronics:** Power steering modules, LED lighting drivers, and infotainment systems. * **Telecommunications:** Noise filtering for high-speed data transmission lines. * **Industrial:** Power supply decoupling in PLC (Programmable Logic Controllers). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the M2RS-51-R?
    • ⤷ How does the 'R' suffix affect the component's thermal rating?
    • ⤷ Can this part be used in high-speed CAN bus filtering?