データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RS-51-R2

  • AI
    Based on your query, the **M2RS-51-R2** refers to a high-precision **Analog/Digital Signal Converter** (often categorized as a Signal Conditioner or Transmitter) manufactured by **M-System**. These devices are primarily used in industrial automation to convert specific input signals into standardized output signals. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Series** | M2 (Mini-M) Series | | **Input Type** | Remote I/O or Digital (Model specific) | | **Output Type** | DC Current/Voltage (Configurable) | | **Power Input** | 24V DC / 100-240V AC (Standard options) | | **Mounting** | DIN Rail Mounting | | **Accuracy** | ±0.1% of span | --- ### 2. Breakdown of the Model Code The alphanumeric suffix defines the specific internal electronic configuration: * **M2RS**: Represents the base series (Resistor/Signal Conditioner). * **5**: Indicates the Input Code (Often refers to a specific resistance or voltage range). * **1**: Indicates the Output Code (Typically 4-20mA DC). * **R2**: Indicates the Power Supply (Usually 24V DC). --- ### 3. Core Electronic Components Inside an M2RS unit, the following electronic subsystems work together: 1. **Isolation Barrier**: Uses opto-isolators or transformers to provide 2000V AC isolation between input, output, and power. This protects sensitive PLC/DCS equipment from electrical surges. 2. **A/D and D/A Converters**: High-resolution converters ensure that the analog physical signal is processed digitally for stability before being converted back to a precise analog output. 3. **Zero/Span Trimmers**: Potentiometers (adjustable resistors) located on the front panel allow manual calibration of the signal offset and gain. 4. **Operational Amplifiers (Op-Amps)**: Used for signal buffering and impedance matching to ensure no signal loss over long cable runs. --- ### 4. Applications * **Interfacing**: Connecting a sensor that has an incompatible signal type to a Controller. * **Ground Loop Elimination**: Preventing electrical noise caused by ground potential differences. * **Signal Boosting**: Enhancing weak signals for long-distance transmission. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the M2RS-51-R2?
    • ⤷ How do I calibrate the zero and span settings on this model?
    • ⤷ What is the difference between the R and R2 power supply options?