データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RS-51-R2/N

  • AI
    The **M2RS-51-R2/N** is a specific model of an **Ultra-Slim Plug-in Signal Conditioner** (often referred to as a transducer or isolator) manufactured by **M-System**. It is designed to convert a DC input signal into a standard process output signal while providing galvanic isolation. --- ### 1. Model Code Breakdown Understanding the specific electronic configuration of this part depends on the alphanumeric suffix: | Code Segment | Description | Specification | | :--- | :--- | :--- | | **M2RS** | Series Name | Ultra-slim Signal Conditioner (Plug-in type) | | **51** | Input Type | **4 – 20 mA DC** (Active or Passive) | | **R2** | Output Type | **4 – 20 mA DC** | | **N** | Power Supply | **100 – 240V AC** (Universal AC) | --- ### 2. Key Electronic Specifications This device acts as a bridge between field instrumentation and a control system (PLC/DCS). #### Electrical Characteristics: * **Input Impedance:** 250 $\Omega$ (standard for 4-20mA current loops). * **Output Drive:** Maximum load resistance is usually around 550 $\Omega$. * **Isolation:** 3-way isolation (Input to Output to Power). * **Dielectric Strength:** 2000V AC @ 1 minute. * **Accuracy:** $\pm$0.1% of span. * **Response Time:** $\le$ 0.5 seconds (0 – 90%). #### Physical/Electronic Housing: * **Construction:** Slim-line plug-in base. * **Wiring:** M3 screw terminals. * **LED Indicator:** Green LED indicates power status. --- ### 3. Circuit Block Diagram (Simplified) Internally, the M2RS-51-R2/N utilizes a high-precision analog-to-digital or magnetic coupling circuit to ensure signal integrity: 1. **Input Section:** Receives the 4-20mA signal; includes surge protection and a precision shunt resistor. 2. **Isolator Block:** Uses an optical or transformer-based barrier to prevent "ground loops" and protect equipment from high voltage spikes. 3. **Output Section:** Regenerates the 4-20mA signal based on the isolated data. 4. **Power Unit:** A switching regulator that converts the 100-240V AC input into stable internal DC voltages. --- ### 4. Application Usage This part is commonly used in industrial automation for the following reasons: * **Signal Conversion:** Changing one signal type to another (though this specific model is mA to mA). * **Ground Loop Elimination:** Resolving potential differences between the field sensor and the controller. * **Signal Boosting:** Extending the distance a 4-20mA signal can travel by "refreshing" the loop power.
    ✨ Follow-up Questions
    • ⤷What is the difference between the M2RS and the M2VS series?
    • ⤷ Can this module be used with a 24V DC power supply instead of AC?
    • ⤷ How do I calibrate the Zero and Span on this specific model?