データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RS-5Z-R2SLASHUL

  • AI
    The **M2RS-5Z-R2/UL** is a specific model of an **Industrial Interface Relay** manufactured by companies like **Altech Corp** (or similar automation component brands). These devices are used to provide isolation and switching between low-power control circuits (like a PLC) and high-power load circuits. --- ### ## Technical Specifications The following table outlines the primary electronic and physical characteristics of the device: | Feature | Specification | | :--- | :--- | | **Relay Type** | Electromechanical Interface Relay | | **Contact Configuration** | SPDT (1 Form C) | | **Coil Voltage** | 24V AC/DC (Standard for R2 series) | | **Contact Rating** | 16A @ 250V AC / 30V DC | | **Mounting Type** | 35mm DIN Rail | | **Termination** | Screw Terminals | | **Safety Certification** | UL Listed (indicated by /UL suffix) | --- ### ### Key Electronic Components & Features 1. **Electromagnetic Coil:** The heart of the relay. When 24V is applied, it creates a magnetic field that moves the internal armature to open or close the electrical contacts. 2. **SPDT Contacts (Single Pole Double Throw):** This means there is one common terminal that switches between a "Normally Closed" (NC) and "Normally Open" (NO) position. It allows for toggling between two different output paths. 3. **LED Indicator:** Most M2RS models include a built-in green or red LED. This provides visual feedback to technicians, showing whether the coil is currently energized. 4. **Integrated Protection Circuit:** These relays often include a **Varistor** or a **Freewheeling Diode** to suppress voltage spikes (back EMF) that occur when the coil is de-energized, protecting the driving electronics (like a transistor output on a PLC). 5. **Polarity Independence:** Because it is rated for AC/DC, the input bridge allows the relay to function regardless of the polarity of the 24V signal. --- ### ### Application Wiring Example Here is a conceptual representation of how the relay is wired in a control system: ```mermaid graph LR A[PLC 24V Output] --> B[Relay Coil Terminal A1] C[DC Common/Neutral] --> D[Relay Coil Terminal A2] E[High Voltage Source] --> F[Common Contact 11/15] F --> G[NO Contact 14/18] G --> H[Motor or Lamp] ``` --- ### ### Why use the "/UL" version? The `/UL` suffix is critical for industrial panels in North America. It signifies that the component has undergone rigorous testing by **Underwriters Laboratories** for fire safety and electrical shock prevention, ensuring it meets National Electrical Code (NEC) standards.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this relay?
    • ⤷ How does the SPDT contact configuration differ from a DPDT configuration?
    • ⤷ Can this relay be used with a 110V AC control signal?