データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RS-C6-R2

  • AI
    The **M2RS-C6-R2** is a high-performance **Step-Servo Driver** (also known as a closed-loop stepper driver) developed by Leadshine. It is designed to bridge the gap between open-loop stepper systems and expensive AC servo systems. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24 - 70 VDC | | **Output Current** | 0.5 - 6.0 A (Peak) | | **Communication** | RS485 / Modbus RTU | | **Control Mode** | Pulse & Direction / Internal PR Mode | | **Feedback Support** | 1000, 2500, 5000 lines Encoder | | **Digital Inputs** | 3 Channels (5-24V) | | **Digital Outputs** | 1 Channel | --- ### 2. Electronic Architecture and Components The M2RS-C6-R2 integrates several advanced electronic subsystems: #### A. Power Stage (MOSFET Bridge) The driver utilizes a high-efficiency MOSFET H-bridge to control the current flow to the motor phases. It supports a wide voltage range (up to 70VDC), which allows for higher torque at high speeds compared to standard 24V drivers. #### B. Digital Signal Processor (DSP) At its core, the unit uses a 32-bit DSP. This chip performs real-time calculations for: * **FOC (Field Oriented Control):** Regulating current vectors for smoother rotation. * **Error Correction:** Comparing the commanded position vs. the actual position from the encoder. * **Resonance Damping:** Digitally filtering out vibrations that typically occur in stepper motors. #### C. RS485 Communication Interface Unlike standard pulse/direction drivers, the "RS" in the model name indicates built-in **RS485 Modbus RTU** support. * Allows daisy-chaining up to 31 nodes. * Enables motion control via software commands rather than high-speed pulse trains from a PLC. #### D. Built-in Motion Controller (PR Mode) The "C6" variant features internal 16-segment motion path programming. You can trigger pre-set motion profiles (distances, speeds, ramps) via digital I/O or Modbus, reducing the processing load on the master controller. --- ### 3. Connection Pinout Overview | Terminal | Function | Description | | :--- | :--- | :--- | | **V+ / GND** | Power Input | Main DC power supply connection. | | **A+ / A- / B+ / B-** | Motor Phases | Connections to the stepper motor coils. | | **Enc Interface** | Feedback | Input for the motor's encoder signals (A/B/Z). | | **RS485** | Comms | RJ45 or terminal ports for Modbus communication. | | **I/O Port** | Control | Configurable digital inputs for limits or triggers. | --- ### 4. Distinct Advantages 1. **No Loss of Step:** The closed-loop system ensures the motor never misses a step, even under sudden load changes. 2. **Lower Heat:** Because the driver uses "Current Control" based on load, the motor stays significantly cooler than open-loop steppers. 3. **High Torque:** Operates at 100% of the motor's rated torque without the safety margin required by open-loop systems.
    ✨ Follow-up Questions
    • ⤷ How do I configure the RS485 Modbus registers for this driver?
    • ⤷ What is the difference between the M2RS-C6 and the standard EM3RS series?
    • ⤷ Can this driver run a NEMA 34 motor or is it limited to NEMA 23?