データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RT-11-R/N

  • AI
    The **M2RT-11-R/N** is a specific model within the **M2RT Series** of electronic industrial timers. These devices are typically used for precision timing control in automation, control panels, and industrial machinery. Below is a breakdown of its electronic components, specifications, and functions. --- ### 1. General Specifications The "R/N" suffix usually denotes specific voltage ranges or contact configurations (often Universal Voltage). | Feature | Description | | :--- | :--- | | **Device Type** | Multi-function Electronic Timer | | **Mounting** | DIN Rail (Standard 35mm) | | **Contact Configuration** | 1 Changeover (SPDT) | | **Input Voltage** | Typically 24-240V AC/DC (Universal) | | **Time Ranges** | 0.1s to 100h (Selectable via rotary switches) | | **Current Rating** | Usually 8A at 250V AC | --- ### 2. Core Electronic Components The internal architecture of the M2RT-11-R/N consists of several functional blocks: * **Microcontroller/ASIC:** The "brain" of the unit that handles digital timing calculations, ensuring high repeatability and low drift compared to old analog RC circuits. * **Power Supply Module:** A switching or capacitive dropper circuit that allows the device to operate across a wide range of voltages (AC or DC) without manual adjustment. * **Electromechanical Relay:** The output component that physically opens or closes the circuit. It is rated for high-cycle industrial use. * **Potentiometers:** Precision variable resistors located on the front face used to set the time duration (Fine adjustment) and time scale (Multipliers). * **LED Indicators:** * **Green LED:** Indicates power supply status (U). * **Red LED:** Indicates relay output status (R). --- ### 3. Functional Modes Electronic timers like the M2RT-11-R/N are "Multi-function," meaning they can be wired or programmed via dials to perform different tasks: 1. **ON Delay:** Timing starts when power is applied; relay energizes after the delay. 2. **OFF Delay:** Relay energizes immediately on signal and de-energizes after a set time when the signal is removed. 3. **Cyclic (Asymmetric/Symmetric):** The relay toggles ON and OFF repeatedly. 4. **Signal ON/OFF Delay:** Controlled via an external trigger terminal (S). --- ### 4. Wiring and Terminal Layout Most M2RT models follow a standard industrial pinout: ```text A1 - A2: Power Supply Input S: External Control Signal (Trigger) 15: Common (C) 16: Normally Closed (NC) 18: Normally Open (NO) ``` --- ### 5. Selection Guide: "R/N" Designation In many electronic component catalogs: * **R:** Refers to the Relay Output (1 C/O). * **N:** Refers to the Wide/Narrow housing or specific supply range (Neutral compatibility).
    ✨ Follow-up Questions
    • ⤷ What are the specific timing functions available on the M2RT-11-R/N rotary dial?
    • ⤷ How do I wire a remote trigger switch to the S-terminal of this timer?
    • ⤷ What is the maximum inductive load this relay can handle for motor control?