データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RT-30-R2/N

  • AI
    ### M2RT-30-R2/N Component Analysis The **M2RT-30-R2/N** is a specific model within the **M2RT series**, which generally refers to **Industrial Rotary Switches** or **Selector Switches**, often produced by manufacturers like *M2I Corporation* or *Tend Technology*. These components are designed for industrial control panels to switch between different electrical states manually. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the electrical and physical characteristics: | Feature | Specification | | :--- | :--- | | **Mounting Diameter** | 30mm | | **Switch Type** | Rotary Selector Switch | | **Number of Positions** | 2-Position (Usually Maintained) | | **Contact Configuration** | 1NO + 1NC (Normal Open + Normal Closed) | | **Rated Voltage (Ui)** | 600V | | **Thermal Current (Ith)** | 10A | | **Operating Temperature** | -25°C to +70°C | | **IP Rating** | IP65 (Dust tight, water jet protected) | --- ### 2. Breakdown of the Model Number The suffix codes provide details on the mechanical behavior and aesthetics: * **M2RT**: Series identifier (30mm Rotary Type). * **30**: Refers to the **30mm** hole size required for panel mounting. * **R2**: Indicates a **Round** shape with **2 positions**. * **N**: Typically signifies the contact block type (Standard "N" type block). --- ### 3. Electronic & Mechanical Parts The assembly consists of three primary modules: #### A. The Operator (Actuator) The visible part on the front of the panel. It is usually a "Short Lever" or "Knob" style. * **Material:** Often Chrome-plated zinc or high-impact plastic. * **Action:** 90-degree throw between Position 1 and Position 2. #### B. The Contact Block This is the electrical heart of the switch located behind the panel. * **Contacts:** Made of silver alloy to reduce electrical resistance and prevent oxidation. * **Terminals:** Screw-type terminals for secure wire connection (typically supports up to 14 AWG wire). #### C. The Mounting Collar A threaded ring or locking mechanism that secures the actuator to the control box. --- ### 4. Circuit Example If you are wiring this for a basic motor control or signal light: ```markdown [Power Source L1] ---- [Terminal 1 (NC)] ---- [Stop Indicator Light] | ---- [Terminal 3 (NO)] ---- [Motor Starter Coil] ``` * **Position 1:** Terminal 1-2 (Closed) -> Stop Light is ON. * **Position 2:** Terminal 3-4 (Closed) -> Motor starts. --- ### 5. Common Applications * **Manual/Auto Selection:** Switching between manual override and PLC control. * **Power Isolation:** Simple ON/OFF for low-voltage control circuits. * **Mode Selection:** Selecting between different speeds or operational cycles in machinery. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 2-position and 3-position selector switch in terms of wiring?
    • ⤷ How do I test if the contact block of an M2RT switch has failed?
    • ⤷ Can this switch be used in outdoor environments without an extra enclosure?