データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RT-43-R2/N

  • AI
    The **M2RT-43-R2/N** is a specific part number typically associated with **M2M (Machine-to-Machine) communication modules** or specialized **RF (Radio Frequency) remote control systems**, often produced by manufacturers like *Circuit Design* or related industrial telematics brands. Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. Technical Specifications The device is generally a high-performance radio transceiver module designed for industrial remote control. | Feature | Specification (Typical) | | :--- | :--- | | **Operating Frequency** | 434 MHz (UHF Band) | | **Modulation Type** | FSK (Frequency Shift Keying) | | **Interface** | Parallel (Discrete inputs/outputs) or Serial | | **Operating Voltage** | 3.0V to 5.5V DC | | **Output Power** | 10 mW (standard for license-free bands) | | **Transmission Range** | 100m - 500m (Line of sight) | --- ### 2. Key Internal Components The "R2" designation usually implies a receiver or a specific revision of the RF integrated circuit. * **RF Transceiver IC:** The core chip responsible for converting digital data into radio waves. It uses narrow-band FM or FSK to ensure high interference immunity. * **SAW Filter:** A Surface Acoustic Wave filter is used to suppress noise from neighboring frequencies, ensuring the receiver only "hears" the 434 MHz signal. * **Microcontroller (MCU):** An onboard low-power processor manages the communication protocol, ID code verification, and error correction (CRC). * **Voltage Regulator:** Ensures stable power delivery to the RF sensitive components, preventing frequency drift. --- ### 3. Pinout and Connection Logic The module typically uses a multi-pin header (SIL or DIL) for integration onto a PCB. | Pin Type | Description | | :--- | :--- | | **VCC/GND** | Power supply pins. | | **ANT** | 50-ohm antenna terminal (usually for a whip or helical antenna). | | **D0 - D3** | Digital data output pins (active high/low based on received signal). | | **RSSI** | Received Signal Strength Indicator (analog voltage representing signal quality). | --- ### 4. Typical Applications Due to its reliability and specific frequency band, it is commonly used in: 1. **Industrial Hoists/Cranes:** Wireless control of heavy machinery. 2. **Telemetry:** Sending sensor data from remote locations to a central hub. 3. **Security Systems:** High-reliability wireless gate and shutter controls. --- ### 5. Integration Example To use this module with an Arduino or PLC, you would typically follow this logic: ```cpp // Example: Reading a digital output from the M2RT module const int signalPin = 7; // Connected to D0 on the M2RT void setup() { pinMode(signalPin, INPUT); Serial.begin(9600); } void loop() { if (digitalRead(signalPin) == HIGH) { Serial.println("Remote Command Received!"); // Trigger industrial relay here } } ```
    ✨ Follow-up Questions
    • ⤷What are the differences between the R2 and R1 versions of this module?
    • ⤷ Does this module require a specific license for use in the EU or USA?
    • ⤷ What type of antenna is best for maximizing the range of the M2RT-43?