データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RT-4B-R2/N

  • AI
    The **M2RT-4B-R2/N** is a specialized electronic component, typically part of a remote terminal or transducer series (often associated with M-System or similar industrial automation brands). It is designed to convert input signals into standardized output signals for industrial monitoring. --- ### 1. General Specifications The part number breaks down into specific technical attributes: | Feature | Specification | | :--- | :--- | | **Component Type** | Two-wire universal transmitter / Transducer | | **Mounting** | DIN Rail or Surface Mount | | **Power Input** | 24V DC (typical for loop-powered units) | | **Output Type** | 4 – 20 mA DC (Current Loop) | | **Isolation** | Input to output isolation (usually 1500V AC or higher) | --- ### 2. Key Electronic Internal Parts The internal circuitry of this device is comprised of several critical stages: #### A. Input Signal Conditioner This section interfaces with the sensor (e.g., Thermocouples, RTDs, or mV signals). It includes: * **High-impedance amplifiers:** To prevent loading the source signal. * **A/D Converter:** For digital processing models, converting the analog input to a digital value for linearization. #### B. Microcontroller (MCU) The "R2" designation often implies a specific revision or programmable logic. The MCU handles: * **Linearization:** Correcting non-linear sensors like Thermocouples. * **Cold Junction Compensation (CJC):** Necessary if the input is a thermocouple. * **Error Detection:** Monitoring for sensor burnout or short circuits. #### C. Isolation Barrier To protect the PLC/DCS system from field surges, the device uses: * **Optoisolators:** For signal transfer via light. * **Transformer Isolation:** For power decoupling. #### D. Current Loop Driver (4-20mA Output) The output stage consists of a precision current source. It regulates the current drawn from the loop power supply proportionally to the input signal. --- ### 3. Connection Terminal Map | Terminal | Function | Description | | :--- | :--- | :--- | | **1 - 2** | Input (+) / (-) | Connection for the sensor or source signal. | | **3 - 4** | Output (+) / (-) | 4-20mA loop connection (and power). | | **GND** | Ground | Protective earth/shielding connection. | --- ### 4. Environmental and Compliance Factors * **Operating Temperature:** Typically -5°C to +55°C. * **Housing:** Impact-resistant resin or flame-resistant plastic. * **Response Time:** Usually configurable, ranging from 0.5s to several seconds to filter noise.
    ✨ Follow-up Questions
    • ⤷ What is the specific input signal range supported by the M2RT-4B-R2/N?
    • ⤷ Does this model support HART communication protocol?
    • ⤷ How do I calibrate the zero and span settings on this unit?