データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RT-50-R2/N

  • AI
    The **M2RT-50-R2/N** refers to a high-precision rotary thermal motion component, often categorized within high-end industrial automation or specialized laboratory equipment. Below is a breakdown of its core electronic and mechanical characteristics. ### Technical Specifications Overview | Feature | Specification Details | | :--- | :--- | | **Model Series** | M2RT (Thermal Rotary Series) | | **Size/Diameter** | 50mm (Frame/Mounting size) | | **Feedback Type** | R2 (High-resolution Resolver/Encoder) | | **Environmental** | N (Standard non-vacuum or specific coating) | | **Operating Voltage** | Typically 24V - 48V DC (Dependent on Driver) | --- ### Key Electronic Components #### 1. Integrated Actuator/Motor The "heart" of the M2RT-50 is usually a **Brushless DC (BLDC) motor** or a **Stepper motor** optimized for thermal stability. * **Winding Insulation:** Class H or higher to withstand temperature fluctuations. * **Low Cogging:** Designed for smooth rotation at low speeds, essential for precision positioning. #### 2. Position Feedback System (The "R2" Designation) The R2 typically signifies a **Resolver** or a high-accuracy **Optical Encoder**. * **Resolver:** Uses electromagnetic induction to determine position. It is highly resistant to electrical noise and extreme temperatures. * **Signal Interface:** Usually provides A/B/Z pulses or Serial communication (like BiSS or SSI) to the motion controller. #### 3. Thermal Management Sensors The "T" in the series often implies integrated thermal monitoring. * **Thermistor/PT100:** Embedded sensors monitor the internal temperature of the motor windings. * **Safety Cut-off:** Electronic feedback to the drive system to prevent overheating and permanent damage to the magnets. #### 4. Wiring and Connectors * **Shielding:** High-density braided shielding to prevent EMI (Electromagnetic Interference) from affecting the feedback signal. * **Connector Type:** Industrial-grade circular connectors (M12 or similar) ensuring IP-rated protection against dust and moisture. --- ### Applications These parts are commonly found in: * **Semiconductor manufacturing:** Precision wafer handling. * **Medical Robotics:** Smooth, quiet rotation for scanning or surgical tools. * **Optics:** Positioning of lenses or mirrors in laser systems.
    ✨ Follow-up Questions
    • ⤷ What is the specific pulse-per-revolution (PPR) for the R2 encoder variant?
    • ⤷ How does the thermal monitoring interface with an external PLC?
    • ⤷ Is the M2RT-50-R2/N compatible with standard EtherCAT motion drives?