データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RT-55-R/N

  • AI
    The **M2RT-55-R/N** is a specific model within the **M2RT series of high-performance Solid State Relays (SSR)**, typically manufactured by companies like **MGR (MGR Electronics)**. These devices are designed for industrial switching applications where high reliability and fast response times are required. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Control Voltage** | 4 - 32 VDC (Standard Logic Level) | | **Load Voltage Range** | 24 - 480 VAC | | **Current Rating** | 55 Amperes | | **Switching Type** | Zero Cross Switching (Standard for R/N models) | | **Output Type** | Dual SCR (Thyristor) Output | | **Isolation** | Photoelectric (Input-to-Output) | --- ### 2. Breakdown of the Model Name While nomenclature can vary slightly by manufacturer, the **M2RT-55-R/N** usually breaks down as follows: * **M2RT**: The product series (Standard Industrial Single Phase SSR). * **55**: Represents the maximum load current (55A). * **R**: Indicates the output is protected by an internal **RC Snubber** circuit, which helps suppress voltage spikes (dV/dt protection). * **N**: Often signifies the type of internal switching component, typically a **Thyristor (SCR)** back-to-back configuration for better thermal handling compared to a Triac. --- ### 3. Electronic Components & Internal Design The M2RT-55-R/N is composed of several critical internal stages: #### A. Input Stage (Control Side) * **Optoisolator:** Provides electrical isolation (usually up to 4000V) between the low-voltage control signal (DC) and the high-voltage load (AC). * **LED Indicator:** A built-in LED that lights up when the input signal is active. #### B. Zero-Cross Detection Circuit * This circuit ensures the relay only turns "ON" when the AC load voltage is near zero volts. This minimizes electromagnetic interference (EMI) and reduces stress on the load. #### C. Output Stage (Power Side) * **Dual SCRs:** Two Silicon Controlled Rectifiers are used in an anti-parallel configuration. This allows for high current handling and better heat dissipation than a single Triac. * **RC Snubber:** An internal Resistor-Capacitor network across the output to protect against rapid changes in voltage (transients) that could cause accidental triggering. --- ### 4. Application Use Cases * **Heating Control:** PID control for electric furnaces and plastic injection molding machines. * **Motor Control:** Switching single-phase motors (though derating is required for inductive loads). * **Lighting:** Controlling large banks of incandescent or LED lighting in industrial settings. --- ### 5. Installation Note Because this device handles **55 Amps**, it generates significant heat. It **must** be mounted on an appropriately sized **heat sink** with thermal grease applied to the baseplate to prevent thermal runaway and permanent damage to the internal SCRs.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zero-Cross and Random turn-on SSRs?
    • ⤷ How do I calculate the heat sink size for a 55A SSR?
    • ⤷ What are the common failure modes for the M2RT-55-R/N?