データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RT-56-R2/N

  • AI
    The **M2RT-56-R2/N** is a specialized electronic component, typically categorized as a **Magnetic Proximity Sensor** or a **Reed Switch Assembly**. These parts are frequently used in security systems, industrial automation, and position sensing. ### Technical Specifications | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Magnetic Reed Switch / Proximity Sensor | | **Contact Form** | Form A (Normally Open) or Form C (Changeover) | | **Actuation** | Proximity to a Permanent Magnet | | **Max Switching Voltage** | ~100V - 200V DC/AC | | **Max Switching Current** | 0.5A - 1.0A | | **Housing Material** | Robust Plastic or Metal (Application dependent) | | **Connection Type** | Lead wires or Terminals | --- ### Key Electronic Components & Operation #### 1. The Reed Switch (Internal Core) At the heart of the M2RT-56-R2/N is a **hermetically sealed glass tube** containing two ferromagnetic flexible metal reeds. * **Mechanism:** When a magnetic field (from an external magnet) is brought near the sensor, the reeds become polarized and pull together, closing the circuit. * **Durability:** Because the contacts are sealed in an inert gas, they are protected against corrosion, dust, and moisture. #### 2. Protection Circuitry (The "R2" Designation) In many "R2" variants of these sensors, internal resistors or diodes may be present: * **End-of-Line (EOL) Resistors:** These are used in security applications to allow the control panel to supervise the wiring. It can detect if the wire has been cut (Infinite resistance) or shorted (Zero resistance). * **Voltage Suppression:** Some models include a varistor or diode to prevent "arcing" when switching inductive loads. #### 3. Housing and Environmental Sealing The "/N" often refers to a specific configuration or a neutral/non-branded housing. * **Ruggedization:** The internal reed switch is usually encapsulated in epoxy resin within the outer shell to make it shockproof and vibration-resistant. --- ### Common Applications 1. **Access Control:** Detecting whether a door or window is open or closed. 2. **Piston Sensing:** Mounted on pneumatic cylinders to detect the position of the internal magnetic piston. 3. **Safety Interlocks:** Ensuring a machine guard is in place before the system can be energized. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a Form A and a Form C reed switch?
    • ⤷ How do I calculate the correct EOL resistor value for this sensor?
    • ⤷ Can this sensor be used in explosive environments (ATEX)?