データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RT-5A-R2

  • AI
    The **M2RT-5A-R2** is a high-performance **Remote Terminal Unit (RTU)** or Signal Conditioner module, typically manufactured by companies like **M-System**. It is designed for industrial automation to convert signal inputs into isolated DC outputs. --- ## 1. Technical Specifications The "M2RT" series is known for its "Super-mini" signal conditioners that utilize a plug-in base. | Feature | Specification | | :--- | :--- | | **Model Type** | M2RT (Resistance Transmitter) | | **Input Type** | Potentiometer / Resistance (e.g., 100 $\Omega$ to 10 k$\Omega$) | | **Output (5A)** | 4 – 20 mA DC | | **Power Input (R2)** | 11 – 27 V DC | | **Isolation** | 3-way isolation (input to output to power) | | **Accuracy** | ±0.1% of span | | **Response Time** | $\leq$ 0.5 seconds (0 – 90%) | --- ## 2. Key Electronic Components & Functions ### A. Input Circuit (Resistance Bridge) The module acts as a **Resistance Transmitter**. It provides a constant reference voltage to a potentiometer or variable resistor. As the resistance changes (due to a valve position or level sensor), the device senses the voltage drop and converts it into a linear electronic signal. ### B. Galvanic Isolation One of the most critical parts of the M2RT architecture is the **Optical or Transformer Isolation**. * **Purpose:** To prevent "ground loops" and protect sensitive control equipment (like a PLC) from high-voltage surges on the field side. * **Rating:** Usually provides 2000V AC isolation for 1 minute. ### C. Signal Conditioning & Scaling The internal circuitry includes operational amplifiers (Op-Amps) and precision resistors to ensure the output remains linear. * **Zero/Span Adjustments:** Usually located on the front panel, these potentiometers allow the user to calibrate the 4mA (Zero) and 20mA (Span) points relative to the physical resistance input. ### D. Power Supply Unit (R2) The **R2** designation specifically refers to the power requirement. It contains a DC-DC converter that stabilizes the 11-27V input to provide clean internal rails for the analog processing circuitry. --- ## 3. Terminal Connection Layout (Typical) | Terminal No. | Function | Description | | :--- | :--- | :--- | | **1 - 3** | Input | Connections for the Potentiometer (CW, Wiper, CCW) | | **4 - 5** | Output | 4-20 mA DC Signal | | **6 - 7** | Power | 24V DC Auxiliary Power | --- ## 4. Application Use-Case This part is commonly used in **Valve Position Monitoring**. 1. A valve has a rotary potentiometer attached to its stem. 2. The **M2RT-5A-R2** reads the resistance. 3. It converts that resistance into a standard **4-20mA** signal. 4. The signal is sent over long distances to a DCS or PLC to show exactly how open the valve is.
    ✨ Follow-up Questions
    • ⤷What is the difference between the R and R2 power specifications for this series?
    • ⤷ How do you calibrate the Zero and Span on the M2RT module?
    • ⤷ Can this module be used with a 2-wire or 3-wire potentiometer?