AI

The **M2RT-5B-R2/CE** is a high-precision, plug-in type signal conditioner (RTD transmitter) manufactured by **M-System**. It is designed to convert signals from a Resistance Temperature Detector (RTD) into a standard industrial DC signal.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Type** | RTD (Pt 100, JPt 100, etc.) |
| **Output Type** | DC Current or Voltage (Configurable) |
| **Power Input** | 100 – 240V AC |
| **Construction** | Plug-in structure (Base socket included) |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Certification** | CE Marking |
---
### 2. Main Electronic Components & Functionality
The device is composed of several critical electronic stages to ensure signal integrity:
#### A. Input Circuit (RTD Interface)
* **Constant Current Source:** Since RTDs change resistance with temperature, the device provides a small, stable constant current to the sensor to measure the voltage drop.
* **Three-wire Compensation:** It includes circuitry to compensate for lead-wire resistance, ensuring that the length of the wire between the sensor and the transmitter does not affect the temperature reading.
* **Burnout Protection:** Electronic logic that detects if the sensor wire is broken. It can be configured to drive the output to a specific "Upscale" or "Downscale" limit upon failure.
#### B. Signal Conditioning & Linearization
* **Linearizer:** RTDs have a slightly non-linear relationship between temperature and resistance. This internal circuit "straightens" the signal so the output is perfectly proportional to the temperature.
* **Zero/Span Adjustments:** Potentiometers located on the front panel allow for manual calibration of the 0% and 100% signal points.
#### C. Isolation & Output Stage
* **Optical/Magnetic Isolation:** Uses optocouplers or transformers to isolate the input, output, and power circuits. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges.
* **Output Driver:** Converts the processed signal into standard industrial formats like **4–20mA DC** or **1–5V DC**.
---
### 3. Wiring and Terminal Layout
| Terminal | Function | Description |
| :--- | :--- | :--- |
| **1 - 2** | Output | Positive (+) and Negative (-) DC signal |
| **4 - 5** | Power Supply | L and N (100-240V AC) |
| **7, 8, 9** | Input | Connections for 3-wire RTD (A, B, B') |
---
### 4. Environmental & Physical Features
* **Housing:** Flame-resistant black resin.
* **DIN Rail Mounting:** Designed to snap onto a standard 35mm DIN rail via its base socket.
* **LED Indicator:** A power LED indicates the status of the internal power supply unit.
- ⤷
How do I calibrate the Zero and Span on the M2RT-5B-R2/CE?
- ⤷ What is the difference between the 'R' and 'R2' power options for this model?
- ⤷ What types of RTDs are compatible with this transmitter besides Pt 100?