データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RT-5G-R

  • AI
    The **M2RT-5G-R** is a high-performance industrial 5G router typically used in IoT, industrial automation, and smart city deployments. It is designed to leverage the high bandwidth and low latency of 5G Sub-6GHz networks. Below is a breakdown of its electronic components, specifications, and connectivity options. --- ### 1. Core Technical Specifications The device is built on a robust architecture designed for 24/7 industrial operation. | Component | Specification / Detail | | :--- | :--- | | **Network Support** | 5G NR (SA/NSA), 4G LTE (Cat 20/16), 3G WCDMA | | **Processor** | Industrial-grade ARM-based CPU (high-frequency for data routing) | | **RAM/Flash** | Typically 256MB - 512MB DDR3 / 128MB Flash | | **SIM Slots** | Dual SIM (Standard/Micro) for carrier redundancy | | **Input Voltage** | Wide range DC input (typically 9V to 36V DC) | | **Operating Temp** | -35°C to +75°C | --- ### 2. Physical Interface & Connectivity The electronic layout includes several high-speed ports to handle the throughput provided by the 5G modem. * **Ethernet Ports:** Usually features 2 to 5 RJ45 ports (10/100/1000 Mbps). These can be configured as WAN or LAN. * **Serial Interfaces:** Includes **RS232** and **RS485** ports, essential for connecting legacy industrial equipment like PLCs or Modbus sensors. * **Antenna Connectors:** * 4 x SMA-K female connectors for 5G/4G (MIMO support). * 2 x RP-SMA connectors for Wi-Fi (if equipped with 802.11ac/ax). * **I/O Ports:** Digital Input (DI) and Digital Output (DO) for basic automation tasks and alarm triggers. --- ### 3. Electronic Protection Features Industrial routers like the M2RT-5G-R incorporate specific circuitry to survive harsh electrical environments: 1. **ESD Protection:** Electrostatic discharge protection for Ethernet and SIM ports (Level 4). 2. **Surge Protection:** Built-in protection against voltage spikes on the power line. 3. **Hardware Watchdog:** An internal timer circuit that automatically reboots the router if the software freezes or the connection hangs. 4. **Reverse Polarity Protection:** Prevents damage if the DC power leads are connected incorrectly. --- ### 4. Software & Protocol Stack The electronic hardware is managed by an OS (often OpenWrt-based) that supports: * **VPN Tunnels:** IPsec, OpenVPN, PPTP, L2TP, GRE. * **Routing:** Static routing, OSPF, BGP. * **Management:** Web UI, CLI (SSH), and often SNMP or a Cloud Management platform.
    ✨ Follow-up Questions
    • ⤷ What is the maximum theoretical download speed of the M2RT-5G-R?
    • ⤷ Does this model support Power over Ethernet (PoE)?
    • ⤷ How do I configure the RS485 port for Modbus data transmission?