データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RT-61-R/BL

  • AI
    Based on the part number provided, the **M2RT-61-R/BL** refers to a high-quality industrial **Electromagnetic Buzzer** (often part of a signaling series). These components are designed for audible status indication in panels, machinery, and automation systems. --- ### 1. Technical Specifications Below are the typical electronic characteristics for this category of signal devices: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Electromagnetic / Piezoelectric Buzzer | | **Operating Voltage** | Typically 12V - 24V AC/DC (Standard Industrial) | | **Sound Level** | 80dB to 95dB at 1 meter | | **Current Consumption** | < 30mA (Energy Efficient) | | **Mounting Diameter** | 22mm (Standard Panel Cutout) | | **Color Indicator** | **BL** usually denotes a **Blue** visual element/housing | | **Operating Temp** | -20°C to +55°C | --- ### 2. Key Electronic Features * **Integrated Driver Circuit:** Unlike raw transducers, this part includes internal circuitry that allows it to produce sound immediately upon receiving a DC or AC voltage signal. * **Dual-Signal Output:** The "R" in the suffix often indicates a **Remote** or **Redundant** signaling capability, while the "BL" specifies the **Blue** lens/body color. * **Ingress Protection:** These parts are usually rated **IP65**, meaning the electronic internals are protected against dust and low-pressure water jets, making them suitable for industrial environments. * **Continuous vs. Intermittent Tone:** Depending on the wiring configuration, these units often support both a steady "Beep" and a pulsing "Beep-Beep" tone. --- ### 3. Connection and Wiring The device typically features screw terminals on the rear for secure industrial wiring: ```markdown Terminal [+] -> 24V DC Positive / AC Line Terminal [-] -> 0V Ground / AC Neutral ``` *Note: Always verify the specific voltage rating printed on the side of the housing before applying power to prevent blowing the internal coil.* --- ### 4. Applications * **Control Panels:** To alert operators of a process completion or error state. * **Safety Systems:** Providing an audible warning before machinery starts. * **Server Rooms:** Indicating high-temperature or power-loss alerts.
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage range for the M2RT-61-R/BL model?
    • ⤷ How do I switch between continuous and intermittent sound modes?
    • ⤷ Is there a version of this buzzer with a visual LED strobe?