データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RT-6E-R/N

  • AI
    Based on the technical nomenclature, the **M2RT-6E-R/N** is a specific model of a **Miniature Magnetic Rotary Encoder** or a related industrial sensor component (often associated with brands like Nemicon or similar motion control manufacturers). Below is a breakdown of the electronic parts and technical specifications typically associated with this series. --- ### 1. Technical Specifications This component is designed for precise motion feedback in automation systems. | Feature | Specification | Description | | :--- | :--- | :--- | | **Type** | Magnetic Rotary Encoder | Non-contact sensing technology | | **Resolution** | 6-bit (64 positions) | Defines the "6E" in the model name | | **Output Code** | Gray Code / Binary | Prevents errors during transitions | | **Voltage Range** | 5V - 12V DC | Standard industrial logic levels | | **Output Signal** | NPN / Push-Pull | "N" often denotes NPN open collector | | **Mounting** | Panel/Bush Mount | Radial or Axial lead options | --- ### 2. Core Electronic Components The internal architecture of the M2RT-6E-R/N consists of several critical electronic sub-systems: #### A. Magnetic Sensing Element Instead of an optical disk, this unit uses a **Hall Effect Sensor Array** or a **Magnetoresistive (MR) element**. * **Function:** It detects the change in the magnetic field as a permanent magnet attached to the shaft rotates. * **Advantage:** Highly resistant to dust, oil, and vibration compared to optical versions. #### B. Signal Processing IC (ASIC) The raw analog signal from the magnetic sensor is processed by an internal **Application-Specific Integrated Circuit (ASIC)**. * **A/D Conversion:** Converts analog magnetic flux into digital steps. * **Interpolation:** Enhances the resolution to achieve the 6-bit output. #### C. Output Driver Circuit The "N" in the suffix usually refers to the output stage: * **NPN Open Collector:** Requires an external pull-up resistor to interface with a PLC or Microcontroller. * **Protection:** Usually includes basic ESD (Electrostatic Discharge) protection and reverse polarity protection. --- ### 3. Wiring and Pinout (General) While you should always consult the specific datasheet for your manufacture date, the wiring typically follows this standard color code: ```yaml Red: Vcc (Power Supply +) Black: 0V (GND) Blue: Signal Out (Bit 0 / LSB) White: Signal Out (Bit 1) Yellow: Signal Out (Bit 2) Green: Signal Out (Bit 3) Brown: Signal Out (Bit 4) Gray: Signal Out (Bit 5 / MSB) Shield: Frame Ground ``` --- ### 4. Key Applications * **Robotics:** For joint position feedback. * **Medical Equipment:** Compact size allows for use in surgical tools or imaging tables. * **Input Devices:** High-end industrial control panels and "Jog/Shuttle" wheels.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'N' suffix in this specific model?
    • ⤷ How do I interface an NPN encoder with a 24V PLC system?
    • ⤷ Can this encoder operate in environments with high electromagnetic interference (EMI)?