データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RT-6E-R2

  • AI
    The **M2RT-6E-R2** is a high-performance, compact remote I/O module typically manufactured by **M-System** (now MG CO., LTD). It belongs to the R6 Series and is designed for industrial automation, specifically for interfacing between field signals and a network (Ethernet/Modbus TCP). --- ## 1. Core Technical Specifications The "6E" in the model name specifically denotes its communication capabilities over **Ethernet**. | Feature | Specification | | :--- | :--- | | **Series** | R6 Series (Ultra-slim design) | | **Communication** | Modbus/TCP (Ethernet) | | **Network Speed** | 10BASE-T / 100BASE-TX | | **Max. I/O Slots** | Up to 2 analog or 4 discrete signals per base | | **Power Input** | 24V DC | | **Isolation** | Ethernet to internal bus to power | --- ## 2. Electronic Component Breakdown The device architecture is divided into three primary electronic sections: ### A. Communication Interface (The "6E" Section) This section handles the data link between the industrial PLC/SCADA and the local I/O modules. * **Ethernet Controller:** A dedicated PHY chip manages the 10/100 Mbps auto-negotiation. * **RJ-45 Port:** Includes built-in magnetics for EMI suppression and galvanic isolation. * **LED Indicators:** Surface-mount LEDs indicating Link/Activity, Status, and Power. ### B. Power Management Circuitry To ensure reliability in noisy industrial environments, the internal power circuit includes: * **DC-DC Converter:** Steps down the 24V DC input to 5V or 3.3V for the logic boards. * **Optoisolators:** Provide high-voltage isolation (usually 2000V AC) to prevent surges from damaging the network or the controller. * **Polarity Protection:** Diodes to prevent damage if the 24V input is wired backward. ### C. Internal Bus Interface * **Backplane Connector:** A multi-pin connector that interfaces with the R6 series base module. It uses a proprietary serial bus to communicate with individual analog or digital I/O slices. * **Microcontroller (MCU):** An ARM-based or similar low-power MCU that translates Modbus TCP packets into internal bus commands. --- ## 3. Configuration & Hardware Settings The electronic behavior is adjusted via physical hardware on the module: 1. **Rotary Switches:** Used to set the IP address suffix (if not using DHCP or software configuration). 2. **DIP Switches:** Used for internal bus settings and parity/mode selections. 3. **Reset Button:** A recessed tactile switch to restore factory default electronic settings. --- ## 4. Wiring Diagram (Simplified) ```text [ Field Device ] <---> [ I/O Module ] <---(Internal Bus)---> [ M2RT-6E-R2 ] <---(Ethernet)---> [ PLC/PC ] | [ 24V DC Power ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific Modbus register map for the M2RT-6E-R2?
    • ⤷ How do I configure a static IP address using the hardware switches?
    • ⤷ Which specific I/O base modules are compatible with the R2 version?