データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RTS-R-2G-R/UL

  • AI
    The **M2RTS-R-2G-R/UL** is a high-performance, industrial-grade RTD (Resistance Temperature Detector) transmitter module, typically manufactured by **M-System**. It is designed to convert signals from a temperature sensor into a standard process signal for PLCs or DCS systems. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Type** | 2-wire or 3-wire RTD (e.g., Pt100, Pt1000, JPt100) | | **Output Type** | Dual (2) Isolated DC outputs (e.g., 4-20mA, 0-10V) | | **Power Input** | 100 – 240V AC (Standard for 'R' designation) | | **Isolation** | 2000V AC (Input to Output to Power to Ground) | | **Accuracy** | ±0.1% of span | | **Safety Certification** | UL/cUL Class I, Div 2 (Hazardous Locations) | --- ### 2. Breakdown of the Model Code To understand the specific electronics, we can dissect the suffix: * **M2RTS**: The series designation (Mini-M Series RTD Transmitter). * **-R**: Power input (100–240V AC). * **-2G**: Output 1 and Output 2 configuration (Commonly 4–20mA DC). * **-R/UL**: Indicates "R" (specific options like conformal coating or response time) and "UL" (certified for Underwriters Laboratories safety standards). --- ### 3. Electronic Architecture The module consists of several internal electronic stages: 1. **Input Conditioning Bridge:** Measures the resistance of the RTD. It employs a constant current source to minimize self-heating of the sensor and uses a 3-wire lead-wire compensation circuit to cancel out cable resistance. 2. **Linearization Circuit:** RTDs are slightly non-linear. This internal stage corrects the curve to ensure the output is proportional to the actual temperature, not just the resistance. 3. **Isolation Transformer:** Uses high-frequency modulation to transfer the signal across a physical barrier, protecting sensitive control equipment from high-voltage surges or ground loops. 4. **Dual Output Drivers:** Splits the signal into two independent, isolated channels. This allows you to send the temperature data to a local display and a remote PLC simultaneously without signal interference. --- ### 4. Installation & Safety * **Mounting:** Designed for standard DIN rail mounting. * **Burnout Protection:** The electronics are programmed to drive the output "Upscale" (e.g., 20mA+) or "Downscale" if the sensor wire breaks. * **LED Indicator:** Usually features a power LED to indicate the health of the internal DC-DC converter.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for 3-wire vs 4-wire RTD connections on this model?
    • ⤷ Can the output ranges (e.g.
    • ⤷ 0-5V vs 4-20mA) be adjusted via DIP switches?
    • ⤷ What is the typical response time for the M2RTS series?