データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RTS-R-33-R

  • AI
    The **M2RTS-R-33-R** is a specific model of an **M2 Series Remote I/O Module** manufactured by **M-System**. It is a high-performance, compact remote terminal unit designed for process control and industrial automation. --- ## 1. Technical Specifications This device acts as a gateway or interface between field sensors and a PLC/DCS system. Below are the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Model Type** | M2 Series (Compact Type) | | **Function** | Remote I/O Module (RTD Input / Modbus Output) | | **Input Type** | RTD (Resistance Temperature Detector) | | **Output Type** | Modbus (RS-485) | | **Power Input** | 24V DC | | **Response Time** | $\leq$ 0.5 seconds | | **Isolation** | Input to Output to Power | --- ## 2. Key Electronic Components & Functions ### A. Input Stage (Analog Frontend) The "33" in the model number typically indicates the input configuration (likely dual or specific RTD types like Pt100). - **A/D Converter:** Converts the analog resistance from the RTD into a digital signal. - **Burnout Protection:** Detects if the sensor wire is broken and sends an error signal to the controller. ### B. Processing & Communication - **Microprocessor:** Manages the linearization of the temperature data and handles the Modbus protocol stack. - **RS-485 Interface:** The "R" suffix often denotes the communication protocol. It uses a 2-wire RS-485 connection for Modbus RTU communication, allowing multiple units to be daisy-chained. ### C. Isolation and Protection - **Optical Isolation:** Prevents high-voltage surges in the field from damaging the PLC or the power supply. - **Dielectric Strength:** Usually rated for 2000V AC @ 1 minute between terminals. --- ## 3. Terminal Configuration The device uses a plug-in base for easy maintenance. The electronic wiring is generally distributed as follows: 1. **Terminals 1-4:** Field Input (RTD connections - 3-wire or 4-wire depending on config). 2. **Terminals 5-6:** Power Supply (24V DC). 3. **Terminals 7-9:** Communication (RS-485 A, B, and Shield). --- ## 4. Part Number Breakdown (M2RTS-R-33-R) * **M2RTS:** Remote Terminal Series for RTD Input. * **-R:** Power Input (24V DC). * **-33:** Input/Output Code (RTD Type/Range). * **-R:** Communications option (Modbus/RS-485).
    ✨ Follow-up Questions
    • ⤷ What is the specific RTD type supported by the '33' code in this model?
    • ⤷ How do I configure the Modbus address for the M2RTS-R-33-R?
    • ⤷ What are the mounting requirements for this M-System module?